Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 9Page - Analog Devices ADE7754_15 Datasheet HTML 10Page - Analog Devices ADE7754_15 Datasheet HTML 11Page - Analog Devices ADE7754_15 Datasheet HTML 12Page - Analog Devices ADE7754_15 Datasheet HTML 13Page - Analog Devices ADE7754_15 Datasheet HTML 14Page - Analog Devices ADE7754_15 Datasheet HTML 15Page - Analog Devices ADE7754_15 Datasheet HTML 16Page - Analog Devices ADE7754_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
REV. 0
ADE7754
–13–
In addition to the enable bits, the zero-crossing detection interrupt
of each phase is enabled/disabled by setting the ZXSEL bits of the
MMODE register (Address 0Bh) to Logic 1 or 0, respectively.
Zero-Crossing Timeout
Each zero-crossing detection has an associated internal timeout
register (not accessible to the user). This unsigned, 16-bit regis-
ter is decremented (1 LSB) every 384/CLKIN seconds. The
registers are reset to a common user programmed value (i.e.,
zero cross timeout register—ZXTOUT, Address 12h) every
time a zero crossing is detected on its associated input. The
default value of ZXTOUT is FFFFh. If the internal register
decrements to zero before a zero crossing at the corresponding
input is detected, it indicates an absence of a zero crossing in
the time determined by the ZXTOUT. The ZXTO detection
bit of the corresponding phase in the interrupt status register is
then switched on (Bits 4 to 6). An active low on the
IRQ output
also appears if the SAG enable bit for the corresponding phase
in the interrupt enable register is set to Logic 1.
In addition to the enable bits, the zero-crossing timeout detec-
tion interrupt of each phase is enabled/disabled by setting the
ZXSEL bits of the MMODE register (Address 0Bh) to Logic 1
or Logic 0, respectively. When the zero-crossing timeout detection
is disabled by this method, the ZXTO flag of the corresponding
phase is switched on all the time.
Figure 15 shows the mechanism of the zero-crossing timeout
detection when the line voltage A stays at a fixed dc level for
more than CLKIN/384
ZXTOUT seconds.
VOLTAGE
CHANNEL A
ZXTOA
DETECTION BIT
16-BIT INTERNAL
REGISTER VALUE
ZXTOUT
Figure 15. Zero-Crossing Timeout Detection
PERIOD MEASUREMENT
The ADE7754 also provides the period measurement of the
line voltage. The period is measured on the phase specified by
Bits 0 to 1 of the MMODE register. The period register is an
unsigned 15-bit register and is updated every period of the
selected phase. Bits 0 and 1 and Bits 4 to 6 of the MMODE
register select the phase for the period measurement; both
selections should indicate the same phase. The ZXSEL bits of
the MMODE register (Bits 4 to 6) enable the phases on which
the period measurement can be done. The PERDSEL bits
select the phase for period measurement within the phases
selected by the ZXSEL bits.
The resolution of this register is 2.4
µs/LSB when CLKIN =
10 MHz, which is 0.014% when the line frequency is 60 Hz.
When the line frequency is 60 Hz, the value of the period regis-
ter is approximately 6944d. The length of the register enables
the measurement of line frequencies as low as 12.7 Hz.
LINE VOLTAGE SAG DETECTION
The ADE7754 can be programmed to detect when the absolute
value of the line voltage of any phase drops below a certain peak
value for a number of half cycles. All phases of the voltage chan-
nel are controlled simultaneously. This condition is illustrated
in Figure 16.
SAGCYC[7:0] = 06h
6 HALF CYCLES
SAGLVL[7:0]
FULL SCALE
SAG INTERRUPT
FLAG (BIT 1 TO
BIT 3 OF STATUS
REGISTER)
SAG EVENT RESET
LOW WHEN VOLTAGE
CHANNEL EXCEEDS
SAGLVL[7:0]
READ
RSTATUS
REGISTER
VAP, VBP, OR VCP
Figure 16. SAG Detection
Figure 16 shows a line voltage falling below a threshold set in
the SAG level register (SAGLVL[7:0]) for nine half cycles.
Since the SAG cycle register indicates a six half-cycle thresh-
old (SAGCYC[7:0]=06h), the SAG event is recorded at the
end of the sixth half-cycle by setting the SAG flag of the corre-
sponding phase in the interrupt status register (Bits 1 to 3 in the
interrupt status register). If the SAG enable bit is set to Logic 1
for this phase (Bits 1 to 3 in the interrupt enable register), the
IRQ logic output goes active low. See the Interrupts section. All
the phases are compared to the same parameters defined in the
SAGLVL and SAGCYC registers.
SAG Level Set
The content of the SAG level register (one byte) is compared to
the absolute value of the most significant byte output from the
voltage channel ADC. Thus, for example, the nominal maximum
code from the voltage channel ADC with a full-scale signal is
28F5h. See the Voltage Channel ADC section.
Therefore, writing 28h to the SAG level register puts the SAG
detection level at full scale and sets the SAG detection to its
most sensitive value.
Writing 00h puts the SAG detection level at 0. The detection of
a decrease of an input voltage is in this case hardly possible.
The detection is made when the content of the SAGLVL
register is greater than the incoming sample.
PEAK DETECTION
The ADE7754 also can be programmed to detect when the
absolute value of the voltage or the current channel of one phase
exceeds a certain peak value. Figure 17 illustrates the behavior
of the peak detection for the voltage channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com