Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 5Page - Analog Devices ADE7754_15 Datasheet HTML 6Page - Analog Devices ADE7754_15 Datasheet HTML 7Page - Analog Devices ADE7754_15 Datasheet HTML 8Page - Analog Devices ADE7754_15 Datasheet HTML 9Page - Analog Devices ADE7754_15 Datasheet HTML 10Page - Analog Devices ADE7754_15 Datasheet HTML 11Page - Analog Devices ADE7754_15 Datasheet HTML 12Page - Analog Devices ADE7754_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
REV. 0
ADE7754
–9–
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7754 is defined by the formula
Percentage Error
Energy
gistered by ADE
True Energy
True Energy
=
−
×


Re
7754
100%
Phase Error Between Channels
The HPF (high-pass filter) in the current channel has a phase
lead response. To offset this phase response and equalize the
phase response between channels, a phase correction network is
placed in the current channel. The phase correction network
ensures a phase match between the current channels and voltage
channels to within
±0.1° over a range of 45 Hz to 65 Hz and
±0.2° over a range of 40 Hz to 1 kHz. This phase mismatch
between the voltage and the current channels can be reduced
further with the phase calibration register in each phase.
Power Supply Rejection
This quantifies the ADE7754 measurement error as a percentage
of reading when power supplies are varied. For the ac PSR mea-
surement, a reading at nominal supplies (5 V) is taken. A second
reading is obtained using the same input signal levels when an ac
(175 mV rms/100 Hz) signal is introduced onto the supplies. Any
error introduced by this ac signal is expressed as a percentage of
reading. See the Measurement Error definition above.
For the dc PSR measurement, a reading at nominal supplies
(5 V) is taken. A second reading is obtained using the same
input signal levels when the power supplies are varied
±5%. Any
error introduced is again expressed as a percentage of reading.
ADC Offset Error
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND, the ADCs still see a dc analog input signal. The magni-
tude of the offset depends on the gain and input range selection
(see the TPCs). However, when HPFs are switched on, the
offset is removed from the current channels and the power
calculation is unaffected by this offset.
Gain Error
The gain error in the ADE7754 ADCs is defined as the differ-
ence between the measured ADC output code (minus the
offset) and the ideal output code. See the Current Channel
ADC and the Voltage Channel ADC sections. The difference is
expressed as a percentage of the ideal code.
Gain Error Match
Gain error match is defined as the gain error (minus the offset)
obtained when switching between a gain of 1, 2, or 4. It is
expressed as a percentage of the output ADC code obtained
under a gain of 1.
POWER SUPPLY MONITOR
The ADE7754 contains an on-chip power supply monitor. The
analog supply (AVDD) is continuously monitored by the ADE7754.
If the supply is less than 4 V
± 5%, the ADE7754 goes into an
inactive state (i.e., no energy is accumulated when the supply
voltage is below 4 V). This is useful to ensure correct device
operation at power-up and during power-down. The power sup-
ply monitor has built-in hysteresis and filtering, providing a high
degree of immunity to false triggering due to noisy supplies.
TIME
AVDD
0V
4V
5V
POWER-ON
ACTIVE
INACTIVE
RESET FLAG IN
THE INTERRUPT
STATUS REGISTER
READ RSTATUS
REGISTER
Figure 4. On-Chip Power Supply Monitoring
The RESET bit in the interrupt status register is set to Logic 1
when AVDD drops below 4 V
± 5%. The RESET flag is always
masked by the interrupt enable register and cannot cause the
IRQ pin to go low. The power supply and decoupling for the
part should ensure that the ripple at AVDD does not exceed 5 V
± 5% as specified for normal operation.
ANALOG INPUTS
The ADE7754 has six analog inputs, divisible into two chan-
nels: current and voltage. The current channel consists of three
pairs of fully differential voltage inputs: IAP, IAN; IBP, IBN; and
ICP, ICN. The fully differential voltage input pairs have a maxi-
mum differential voltage of
±0.5 V. The voltage channel has
three single-ended voltage inputs: VAP, VBP, and VCP. These
single-ended voltage inputs have a maximum input voltage of
±0.5 V with respect to V
N. Both the current channel and the
voltage channel have a PGA (programmable gain amplifier) with
possible gain selections of 1, 2, or 4. The same gain is applied to
all the inputs of each channel.
The gain selections are made by writing to the gain register. Bits 0
and 1 select the gain for the PGA in the fully differential current
channel. The gain selection for the PGA in the single-ended volt-
age channel is made via Bits 5 and 6. Figure 5 shows how a gain
selection for the current channel is made using the gain register.
IAP, IBP, ICP
IAN, IBN, ICN
k
VIN
GAIN[7:0]
GAIN (k)
SELECTION
VIN
Figure 5. PGA in Current Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com