Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 23Page - Analog Devices ADE7754_15 Datasheet HTML 24Page - Analog Devices ADE7754_15 Datasheet HTML 25Page - Analog Devices ADE7754_15 Datasheet HTML 26Page - Analog Devices ADE7754_15 Datasheet HTML 27Page - Analog Devices ADE7754_15 Datasheet HTML 28Page - Analog Devices ADE7754_15 Datasheet HTML 29Page - Analog Devices ADE7754_15 Datasheet HTML 30Page - Analog Devices ADE7754_15 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
REV. 0
ADE7754
–27–
The number of half line cycles is specified in the LINCYC unsigned
16-bit register. The ADE7754 can accumulate apparent power
for up to 65535 combined half cycles. Because the apparent
power is integrated on the same integral number of line cycles as
the line active energy register, these two values can be compared
easily. See the Energies Scaling section. The active and apparent
energy are calculated more accurately because of this precise
timing control and provide all the information needed for reactive
power and power factor calculation. At the end of an energy
calibration cycle, the LINCYC flag in the interrupt status register
is set. If the LINCYC enable bit in the interrupt enable register
is set to Logic 1, the
IRQ output also goes active low. Thus the
IRQ line can also be used to signal the end of a calibration.
The total apparent power calculated by the ADE7754 in the
line accumulation mode depends on the configuration of the
VAMOD bits in the VAMode register. Each term of the formula
used can be disabled or enabled by the LVASEL bits of the
VAMode register. The different configurations are described in
Table VI.
Table VI. Total Line Apparent Energy Calculation
VAMOD VASEL0
VASEL1
VASEL2
0d
VARMS
× I
ARMS
+ VBRMS
× I
BRMS
+ VCRMS
× I
CRMS
1d
VARMS
× I
ARMS
+(VARMS + VCRMS)
/2
× I
BRMS
+ VCRMS
× I
CRMS
2d
VARMS
× I
ARMS
+ VARMS
× I
BRMS
+ VCRMS
× I
CRMS
The line apparent energy accumulation uses the same signal
path as the apparent energy accumulation. The LSB size of
these two registers is equivalent.
The ADE7754 accumulates the total reactive power signal in
the LAENERGY register. This mode is selected by setting to
Logic 1 Bit 5 of the WAVMode register (Address 0Ch). When
this bit is set, the accumulation of the active energy over half
line cycles in the LAENERGY register is disabled and done
instead in the LVAENERGY register. In this mode, the accu-
48
0
+
48
0
LVAENERGY[23:0]
VADIV
23
0
%
+
APPARENT
POWER
PHASE B
APPARENT
POWER
PHASE A
APPARENT
POWER
PHASE C
+
+
+
LPF1
FROM VA
ADC
ZERO-CROSS
DETECT
MMODE
REGISTER BIT 4
LPF1
FROM VB
ADC
ZERO-CROSS
DETECT
MMODE
REGISTER BIT 5
LPF1
FROM VC
ADC
ZERO-CROSS
DETECT
MMODE
REGISTER BIT 6
CALIBRATION
CONTROL
LINCYC[15:0]
ACCUMULATE APPARENT POWER
DURING LINCYC ZERO CROSSINGS
Figure 39. Apparent Energy Calibration
mulation of the apparent energy over half line cycles in the
LVAENERGY is no longer available. See Figure 33. Since the
LVAENERGY register is an unsigned value, the accumulation
of the active energy in the LVAENERGY register is unsigned.
In this mode (reactive energy), the selection of the phases
accumulated in the LAENERGY and LVAENERGY registers
is done by the LWATSEL selection bits of the WATMode
register.
ENERGIES SCALING
The ADE7754 provides measurements of the active, reactive,
and apparent energies. These measurements do not have the
same scaling and thus cannot be compared directly to each other.
Energy
Type
PF = 1
PF = 0.707
PF = 0
ActiveWh
Wh
0.707
0
Reactive0
Wh
0.707 / 9.546
Wh / 9.546
ApparentWh / 3.657
Wh / 3.657
Wh / 3.657
CHECK SUM REGISTER
The ADE7754 has a checksum register (CHECKSUM[5:0]) to
ensure that the data bits received in the last serial read operation
are not corrupted. The 6-bit checksum register is reset before
the first bit (MSB of the register to be read) is put on the
DOUT pin. During a serial read operation, when each data bit
becomes available on the rising edge of SCLK, the bit is added
to the checksum register. In the end of the serial read operation,
the content of the checksum register will equal the sum of all
ones in the register previously read. Using the checksum regis-
ter, the user can determine whether an error has occurred during
the last read operation. Note that a read to the checksum register
also generates a checksum of the checksum register itself.
CONTENT OF REGISTER (n-BYTES)
DOUT
CHECKSUM
REGISTER
ADDR: 3Eh
Figure 40. Checksum Register for Serial Interface Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com