Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 31Page - Analog Devices ADE7754_15 Datasheet HTML 32Page - Analog Devices ADE7754_15 Datasheet HTML 33Page - Analog Devices ADE7754_15 Datasheet HTML 34Page - Analog Devices ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices ADE7754_15 Datasheet HTML 38Page - Analog Devices ADE7754_15 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
REV. 0
ADE7754
–35–
Operational Mode Register (0Ah)
The general configuration of the ADE7754 is defined by writing to the OPMODE register. Table IX summarizes the functionality of
each bit in the OPMODE register.
Table IX. OPMODE Register
Bit
Bit
Default
Location Mnemonic
Value
Description
0
DISHPF
0
The HPFs (high-pass filters) in all current channel inputs are disabled when this bit is set.
1
DISLPF
0
The LPFs (low-pass filters) in all current channel inputs are disabled when this bit is set.
2
DISCF
1
The frequency output CF is disabled when this bit is set.
3-5
DISMOD
0
By setting these bits, ADE7754’s A/D converters can be turned off. In normal operation, these
bits should be left at Logic 0.
DISMOD2 DISMOD1 DISMOD0
000
Normal operation.
100
Normal operation. By setting this bit to Logic 1, the analog
inputs to current channel are connected to the ADC for voltage
channel and the analog inputs to voltage channel are connected
to the ADC for current channel.
001
Current channel A/D converters off.
101
Current channel A/D converters off + channels swapped.
010
Voltage Channel A/D converters off.
110
Voltage Channel A/D converters off + channels swapped.
011
ADE7754 in sleep mode.
111
ADE7754 powered down.
6SWRST
0
Software Chip Reset. A data transfer to the ADE7754 should not take place for at least 18
µs
after a software reset.
7
RESERVED
This is intended for factory testing only and should be left at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com