Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 13Page - Analog Devices ADE7754_15 Datasheet HTML 14Page - Analog Devices ADE7754_15 Datasheet HTML 15Page - Analog Devices ADE7754_15 Datasheet HTML 16Page - Analog Devices ADE7754_15 Datasheet HTML 17Page - Analog Devices ADE7754_15 Datasheet HTML 18Page - Analog Devices ADE7754_15 Datasheet HTML 19Page - Analog Devices ADE7754_15 Datasheet HTML 20Page - Analog Devices ADE7754_15 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
REV. 0
ADE7754
–17–
If the VGAIN registers are used for apparent power calibration
(WATMOD bits in VAMODE register = 1 or 2), the voltage
rms values are changed by voltage gain register value as described
in the expression
Voltage rms
Phase A
rms
AVGAIN
register
=× +


1
2
12
For example, when 7FFh is written to the voltage gain register,
the ADC output is scaled up by +50%. 7FFh = 2047d, 2047/
2
12 = 0.5. Similarly, 800h = –2047d (signed twos complement)
and ADC output is scaled by –50%. These two examples are
illustrated in Figure 21.
Voltage RMS Offset Compensation
The ADE7754 incorporates a voltage rms offset compensation
for each phase (AVRMSOS, BVRMSOS, and CVRMSOS).
These are 12-bit twos complement signed registers that can be
used to remove offsets in the voltage rms calculations. An offset
may exist in the rms calculation due to input noises and offsets
in the input samples. The offset calibration allows the contents
of the VRMS registers to be maintained at zero when no voltage
is applied.
n LSB of the voltage rms offset are equivalent to 64
n LSB of
the voltage rms register. Assuming that the maximum value from
the voltage rms calculation is 1,898,124 decimal with full-scale
ac inputs, then 1 LSB of the voltage rms offset represents 0.07%
of measurement error at –26 dB below full scale.
VV
VRMSOS
rms
rms
=+
×
0
64
where Vrmso is the rms measurement without offset correction.
The voltage rms offset compensation should be done by testing
the rms results at two non-zero input levels. One measurement
can be done close to full scale and the other at approximately
full scale/10. The voltage offset compensation can then be derived
from these measurements. See the Calibration of a 3-Phase
Meter Based on the ADE7754 Application Note AN-624.
ACTIVE POWER CALCULATION
Electrical power is defined as the rate of energy flow from source
to load. It is given by the product of the voltage and current
waveforms. The resulting waveform is called the instantaneous
power signal and it is equal to the rate of energy flow at every
instant of time. The unit of power is the watt or joules/sec. Equa-
tion 5 gives an expression for the instantaneous power signal in
an ac system.
vt
V
t
()
sin(
)
= 2
ω
(3)
it
I
t
()
sin(
)
= 2
ω
(4)
where V = rms voltage and I = rms current.
pt
v t
i t
pt
VI VI
t
()
()
()
()
cos(
)
=×
=−
2
ω
(5)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 6.
P
nT
pt dt
VI
nT
==
∫
1
0
()
(6)
where T is the line cycle period. P is referred to as the active or
real power. Note that the active power is equal to the dc compo-
nent of the instantaneous power signal p(t) in Equation 5 (i.e.,
VI). This is the relationship used to calculate active power in the
ADE7754 for each phase. The instantaneous power signal p(t)
is generated by multiplying the current and voltage signals in
each phase. The dc component of the instantaneous power signal
in each phase (A, B, and C) is then extracted by LPF2 (low-pass
filter) to obtain the active power information on each phase. This
process is illustrated in Figure 22. In a polyphase system, the total
electrical power is simply the sum of the real power in all active
phases. The solutions available to process the total active power
are discussed in the following section.
VOLTAGE
v(t) = 2V sin( t)
CURRENT
i(t) = 2I sin( t)
INSTANTANEOUS
POWER SIGNAL
ACTIVE REAL POWER
SIGNAL = V
I
V. I.
D1B717h
00000h
1A36E2Eh
p(t) = V
I – V
I cos(2 t)
Figure 22. Active Power Calculation
Since LPF2 does not have an ideal brick wall frequency
response (see Figure 23), the active power signal has some
ripple due to the instantaneous power signal. This ripple is
sinusoidal and has a frequency equal to twice the line frequency.
Since the ripple is sinusoidal in nature, it is removed when the
active power signal is integrated to calculate the energy. See the
Energy Calculation section.
FREQUENCY (Hz)
0
–4
–8
–12
–16
13
10
30
–20
–24
100
8Hz
Figure 23. Frequency Response of the LPF Used
to Filter Instantaneous Power in Each Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com