Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 18Page - Analog Devices ADE7754_15 Datasheet HTML 19Page - Analog Devices ADE7754_15 Datasheet HTML 20Page - Analog Devices ADE7754_15 Datasheet HTML 21Page - Analog Devices ADE7754_15 Datasheet HTML 22Page - Analog Devices ADE7754_15 Datasheet HTML 23Page - Analog Devices ADE7754_15 Datasheet HTML 24Page - Analog Devices ADE7754_15 Datasheet HTML 25Page - Analog Devices ADE7754_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
REV. 0
–22–
ADE7754
by setting to Logic 1 Bit 3 of the gain register (Address 18h). See
Table X. Any load generating an active power amplitude lower
than the minimum amplitude specified will not be taken into
account when accumulating the active power from this phase.
The minimum instantaneous active power allowed in this mode
is 0.005% of the full-scale amplitude. Because the maximum
active power value is 13,743,895d with full-scale analog input,
the no-load threshold is 687d. For example, an energy meter
with maximum inputs of 220 V and 40 A and Ib = 10 A, the
maximum instantaneous active power is 3,435,974d, assuming
that both inputs represent half of the analog input full scale. As
the no-load threshold represents 687d, the start-up current
represents 8 mA or 0.08% of Ib.
Mode Selection of the Sum of the Three Active Energies
The ADE7754 can be configured to execute the arithmetic sum
of the three active energies, Wh = Wh A + Wh B + Wh C, or the
sum of the absolute value of these energies, Wh = |Wh A| +
|Wh B| + |Wh C|. The selection between the two modes can
be made by setting Bit 2 of the gain register (Address 18h). See
Table X. Logic high and logic low of this bit correspond to the
sum of absolute values and the arithmetic sum, respectively.
This selection affects the active energy accumulation in the
AENERGY, RAENERGY, and LAENERGY registers as well
as the CF frequency output.
When the sum of the absolute values is selected, the active
energy from each phase is always counted positive in the total
active energy. It is particularly useful in a 3-phase, 4-wire instal-
lation where the sign of the active power should always be the
same. If the meter is misconnected to the power lines (e.g., CT
is connected in the wrong direction), the total active energy
recorded without this solution can be reduced by two thirds. The
sum of the absolute values ensures that the active energy recorded
represents the actual active energy delivered. In this mode, the
reverse power information available in the CFNUM register is
still detecting when negative active power is present on any of
the three phase inputs.
LINE ENERGY ACCUMULATION
The ADE7754 is designed with a special energy accumulation
mode that simplifies the calibration process. By using the on-
chip zero-crossing detection, the ADE7754 accumulates the
active power signal in the LAENERGY register for an integer
number of half cycles, as shown in Figure 31. The line active
energy accumulation mode is always active.
Using this mode with only one phase selected is recommended.
If several phases are selected, the amount accumulated may be
smaller than it should be.
Each one of three phases zero-crossing detection can contribute
to the accumulation of the half line cycles. Phase A, B, and C
zero crossings, respectively, are taken into account when count-
ing the number of half line cycles by setting Bits 4 to 6 of the
MMODE register to Logic 1. Selecting phases for the zero-
crossing counting also has the effect of enabling the zero-cross-
ing detection, zero-crossing timeout and period measurement
for the corresponding phase as described in the zero-crossing
detection paragraph.
The number of half line cycles is specified in the LINCYC
register. LINCYC is an unsigned 16-bit register. The ADE7754
can accumulate active power for up to 65535 combined half
cycles. Because the active power is integrated on an integer
number of line cycles, the sinusoidal component is reduced to
zero. This eliminates any ripple in the energy calculation. Energy
is calculated more accurately because of this precise timing
control. At the end of an energy calibration cycle, the LINCYC
flag in the interrupt status register is set. If the LINCYC enable
bit in the interrupt enable register is set to Logic 1, the
IRQ
output also goes active low.
51
0
+
51
0
AENERGY[23:0]
WDIV
23
0
%
POWER
PHASE B
POWER
PHASE A
POWER
PHASE C
+
+
+
LPF1
FROM VA
ADC
ZERO-CROSS
DETECT
MMODE
REGISTER BIT 4
LPF1
FROM VB
ADC
ZERO-CROSS
DETECT
MMODE
REGISTER BIT 5
LPF1
FROM VC
ADC
ZERO-CROSS
DETECT
MMODE
REGISTER BIT 6
CALIBRATION
CONTROL
LINCYC[15:0]
ACCUMULATE ACTIVE POWER
DURING LINCYC ZERO CROSSINGS
Figure 31. Active Energy Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com