Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 29Page - Analog Devices ADE7754_15 Datasheet HTML 30Page - Analog Devices ADE7754_15 Datasheet HTML 31Page - Analog Devices ADE7754_15 Datasheet HTML 32Page - Analog Devices ADE7754_15 Datasheet HTML 33Page - Analog Devices ADE7754_15 Datasheet HTML 34Page - Analog Devices ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
REV. 0
ADE7754
–33–
Table VIII. Register List (continued)
Address
Default
[A5:A0]
Name
R/W
*
Length
Value
Description
13h
LINCYC
R/W
16
FFFFh
Line Cycle Register. The content of this register sets the number of half line
cycles while the active energy and the apparent energy are accumulated in the
LAENERGY and LVAENERGY registers. See the Energy Calculation section.
14h
SAGCYC
R/W
8
FFh
SAG Line Cycle Register. This register specifies the number of consecutive half
line cycles where voltage channel input falls below a threshold level. This regis-
ter is common to the three-line voltage SAG detection. The detection threshold
is specified by SAGLVL register. See the Line Voltage SAG Detection section.
15h
SAGLVL
R/W
8
0
SAG Voltage Level. This register specifies the detection threshold for
SAG event. This register is common to the three-line voltage SAG
detection. See the description of SAGCYC register for details.
16h
VPEAK
R/W
8
FFh
Voltage Peak Level. This register sets the level of the voltage peak
detection. If the selected voltage phase exceeds this level, the PKV flag
in the status register is set. See Table XII.
17h
IPEAK
R/W
8
FFh
Current Peak Level. This register sets the level of the current peak detec-
tion. If the selected current phase exceeds this level, the PKI flag in the
status register is set. See Table XII.
18h
GAIN
R/W
8
0
PGA Gain Register. This register is used to adjust the gain selection for
the PGA in current and voltage channels. See the Analog Inputs section
and Table X. This register is also used to configure the active energy
accumulation no-load threshold and sum of absolute values.
19h
AWG
R/W
12
0
Phase A Active Power Gain Register. The active power caluation for Phase A
can be calibrated by writing to this register. The calibration range is 50%
of the nominal full-scale active power. The resolution of the gain adjust is
0.0244%/LSB.
1Ah
BWG
R/W
12
0
Phase B Active Power Gain.
1Bh
CWG
R/W
12
0
Phase C Active Power Gain.
1Ch
AVAG
R/W
12
0
VA Gain Register. This register calculation can be calibrated by writing
this register. The calibration range is 50% of the nominal full-scale real
power. The resolution of the gain adjust is 0.02444%/LSB.
1Dh
BVAG
R/W
12
0
Phase B VA Gain.
1Eh
CVAG
R/W
12
0
Phase C VA Gain.
1Fh
APHCAL
R/W
5
0
Phase A Phase Calibration Register.
20h
BPHCAL
R/W
5
0
Phase B Phase Calibration Register.
21h
CPHCAL
R/W
5
0
Phase C Phase Calibration Register.
22h
AAPOS
R/W
12
0
Phase A Power Offset Calibration Register.
23h
BAPOS
R/W
12
0
Phase B Power Offset Calibration Register.
24h
CAPOS
R/W
12
0
Phase C Power Offset Calibration Register.
25h
CFNUM
R/W
12
0h
CF Scaling Numerator Register. The content of this register is used in
the numerator of CF output scaling.
26h
CFDEN
R/W
12
3Fh
CF Scaling Denominator Register. The content of this register is used in
the denominator of CF output scaling.
27h
WDIV
R/W
8
0
Active Energy Register Divider.
28h
VADIV
R/W
8
0
Apparent Energy Register Divider.
29h
AIrms
R
24
0
Phase A Current Channel RMS Register. The register contains the rms
component of one input of the current channel. The source is selected
by data bits in the mode register.
2Ah
BIrms
R
24
0
Phase B Current Channel RMS Register.
2Bh
CIrms
R
24
0
Phase C Current Channel RMS Register.
2Ch
AVrms
R
24
0
Phase A Voltage Channel RMS Register.
2Dh
BVrms
R
24
0
Phase B Voltage Channel RMS Register.
2Eh
CVrms
R
24
0
Phase C Voltage Channel RMS Register.
2Fh
AIrmsOS
R/W
12
0
Phase A Current RMS Offset Correction Register.
30h
BIrmsOS
R/W
12
0
Phase B Current RMS Offset Correction Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com