Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 15Page - Analog Devices ADE7754_15 Datasheet HTML 16Page - Analog Devices ADE7754_15 Datasheet HTML 17Page - Analog Devices ADE7754_15 Datasheet HTML 18Page - Analog Devices ADE7754_15 Datasheet HTML 19Page - Analog Devices ADE7754_15 Datasheet HTML 20Page - Analog Devices ADE7754_15 Datasheet HTML 21Page - Analog Devices ADE7754_15 Datasheet HTML 22Page - Analog Devices ADE7754_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
REV. 0
ADE7754
–19–
HPF
–
IB*
+
AAPGAIN
LPF2
AWGAIN
AAPOS
+
1
28
IA
VA
PHASE A
0
HPF
IB*
BAPGAIN
LPF2
BWGAIN
BAPOS
+
1
28
IB
VB
PHASE B
HPF
–
IB*
+
CAPGAIN
LPF2
CWGAIN
CAPOS
+
1
28
IC
VC
PHASE C
0
TOTAL INSTANTANEOUS
POWER SIGNAL
ACTIVE POWER
SIGNAL – P
2752545h
Figure 26. Total Active Power Consumption Calculation
For example, for WATMOD = 1, when all the gains and offsets
corrections are taken into consideration, the formula that is
used to process the active power is
Total Active Power
V
AAPGAIN
I
BAPGAIN
I
AAPOS
AWG
V
CAPGAIN
I
BAPGAIN
I
CAPOS
CWG
AA
B
CC
B
=
×+


×−
+


×


+


×+


+×
+


×−
+


×


+


×+
1
2
1
2
1
2
1
2
1
2
1
2
12
12
12
12
12
12
12


Depending on the polyphase meter service, an appropriate for-
mula should be chosen to calculate the active power. The
American ANSI C12.10 standard defines the different configu-
rations of the meter. Table II describes which mode should be
chosen for each configuration.
Table II. Meter Form Configuration
ANSI
Meter Form
WATMOD
WATSEL
5S/13S
3-wire Delta
0
3 or 5 or 6
6S/14S
4-wire Wye
1
5
8S/15S
4-wire Delta
2
5
9S/16S
4-wire Wye
0
7
Different gain calibration parameters are offered in the ADE7754
to cover the calibration of the meter in different configurations.
Note that in Mode 0, the APGAIN and WGAIN registers have
the same effect on the end result. In this case, APGAIN regis-
ters should be set at their default value and the gain adjustment
should be made with the WGAIN registers.
ENERGY CALCULATION
As stated earlier, power is defined as the rate of energy flow.
This relationship can be expressed mathematically as
P
dE
dt
=
(7)
where P = power and E = energy.
Conversely energy is given as the integral of power.
E
Pdt
= ∫
(8)
The ADE7754 achieves the integration of the active power
signal by continuously accumulating the active power signal in
an internal non readable 54-bit energy register. The active
energy register (AENERGY[23:0]) represents the upper 24 bits
of this internal register. This discrete time accumulation or
summation is equivalent to integration in continuous time.
Equation 9 expresses the relationship
Ep t dt
Lim
p nT
T
Tn
==
∫
×


→=
∞
()
(
)
00
Σ
(9)
where n is the discrete time sample number and T is the
sample period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com