Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 10Page - Analog Devices ADE7754_15 Datasheet HTML 11Page - Analog Devices ADE7754_15 Datasheet HTML 12Page - Analog Devices ADE7754_15 Datasheet HTML 13Page - Analog Devices ADE7754_15 Datasheet HTML 14Page - Analog Devices ADE7754_15 Datasheet HTML 15Page - Analog Devices ADE7754_15 Datasheet HTML 16Page - Analog Devices ADE7754_15 Datasheet HTML 17Page - Analog Devices ADE7754_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
REV. 0
–14–
ADE7754
VPEAK[7:0]
PKV INTERRUPT
FLAG (BIT C OF
STATUS REGISTER)
PKV RESET
LOW WHEN
RSTATUS
REGISTER
IS READ
READ
RSTATUS
REGISTER
VAP, VBP, OR VCP
Figure 17. Peak Detection
Bits 2 and 3 of the measurement mode register define the phase
supporting the peak detection. Current and voltage of this phase
can be monitored at the same time. Figure 17 shows a line
voltage exceeding a threshold set in the voltage peak register
(VPEAK[7:0]). The voltage peak event is recorded by setting
the PKV flag in the interrupt status register. If the PKV enable
bit is set to Logic 1 in the interrupt enable register, the
IRQ
logic output goes active low. See the Interrupts section.
Peak Level Set
The contents of the VPEAK and IPEAK registers compare to
the absolute value of the most significant byte output of the
selected voltage and current channels, respectively. Thus, for
example, the nominal maximum code from the current channel
ADC with a full-scale signal is 28F5C2h. See the Current
Channel Sampling section. Therefore, writing 28h to the
IPEAK register will put the current channel peak detection level
at full scale and set the current peak detection to its least sensi-
tive value. Writing 00h puts the current channel detection level at
zero. The detection is done when the content of the IPEAK
register is smaller than the incoming current channel sample.
TEMPERATURE MEASUREMENT
The ADE7754 also includes an on-chip temperature sensor. A
temperature measurement is made every 4/CLKIN seconds.
The output from the temperature sensing circuit is connected
to an ADC for digitizing. The resulting code is processed and
placed into the temperature register (TEMP[7:0]) which can
be read by the user and has an address of 08h. See the Serial
Interface section. The contents of the temperature register are
signed (twos complement) with a resolution of 4
°C/LSB. The
temperature register produces a code of 00h when the ambient
temperature is approximately 129
°C. The value of the register is
temperature register = (temperature (
°C) – 129)/4. The tempera-
ture in the ADE7754 has an offset tolerance of approximately
±5°C. The error can be easily calibrated out by an MCU.
PHASE COMPENSATION
When the HPFs are disabled, the phase difference between the
current channel (IA, IB, and IC) and the voltage channel (VA,
VB, and VC) is zero from dc to 3.3 kHz. When the HPFs are
enabled, the current channels have a phase response as shown in
Figure 18a and 18b. The magnitude response of the filter is
shown in Figure 18c. As seen from in the plots, the phase response
is almost zero from 45 Hz to 1 kHz. This is all that is required
in typical energy measurement applications.
FREQUENCY (Hz)
0.07
0.05
0.03
0.01
–0.01
0
200
400
600
800
0.06
0.04
0.02
0
100
300
500
700
900
1k
Figure 18a. Phase Response of the HPF and
Phase Compensation (10 Hz to 1 kHz)
FREQUENCY (Hz)
0.008
0.004
0
–0.004
40
45
50
55
60
65
70
0.010
0.006
0.002
–0.002
Figure 18b. Phase Response of the HPF and
Phase Compensation (40 Hz to 70 Hz)
FREQUENCY (Hz)
0.008
0.004
0
–0.004
44
46
48
50
52
54
56
0.010
0.006
0.002
–0.002
Figure 18c. Gain Response of HPF and Phase Com-
pensation (Deviation of Gain as % of Gain at 54 Hz)
Despite being internally phase compensated, the ADE7754 must
work with transducers that may have inherent phase errors. For
example, a phase error of 0.1
° to 0.3° is not uncommon for a CT
(current transformer). These phase errors can vary from part to
part, and they must be corrected in order to perform accurate
power calculations. The errors associated with phase mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com