Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 3 Page - Analog Devices

  ADE7754_15 Datasheet HTML 1Page - Analog Devices ADE7754_15 Datasheet HTML 2Page - Analog Devices ADE7754_15 Datasheet HTML 3Page - Analog Devices ADE7754_15 Datasheet HTML 4Page - Analog Devices ADE7754_15 Datasheet HTML 5Page - Analog Devices ADE7754_15 Datasheet HTML 6Page - Analog Devices ADE7754_15 Datasheet HTML 7Page - Analog Devices ADE7754_15 Datasheet HTML 8Page - Analog Devices ADE7754_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
REV. 0
–3–
ADE7754–SPECIFICATIONS
(AVDD = DVDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, CLKIN = 10 MHz,
TMIN to TMAX = –40 C to +85 C, unless otherwise noted.)
Parameters
Spec
Unit
Test Conditions/Comments
ACCURACY
Active Power Measurement Error
0.1
% typ
Over a dynamic range 1000 to 1
Phase Error between Channels
(PF = 0.8 Capacitive)
±0.05
º max
Phase lead 37º
(PF = 0.5 Inductive)
±0.05
º max
Phase lag 60º
AC Power Supply Rejection
1
Output Frequency Variation
0.01
% typ
IAP/N = IBP/N = ICP/N =
±100 mV rms
DC Power Supply Rejection
1
Output Frequency Variation
0.01
% typ
IAP/N = IBP/N = ICP/N =
±100 mV rms
Active Power Measurement Bandwidth
14
kHz typ
Vrms Measurement Error
0.5
% typ
Over dynamic range of 20 to 1
Vrms Measurement Bandwidth
260
Hz typ
Irms Measurement Error
2
% typ
Over dynamic range of 100 to 1
Irms Measurement Bandwidth
14
kHz
ANALOG INPUTS
Maximum Signal Levels
±500
mV peak max
Differential input: VAP–VN, VBP–VN, VCP–VN,
IAP–IAN, IBP–IBN, ICP–ICN
Input Impedance (DC)
370
k
Ω min
Bandwidth (–3 dB)
14
kHz typ
ADC Offset Error
1
25
mV max
Uncalibrated error; See Terminology for details.
Gain Error
1
±8% typ
External 2.5 V reference
Gain Error Match
1
±3% typ
External 2.5 V reference
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.6
V max
2.4 V + 8%
2.2
V min
2.4 V – 8%
Input Impedance
3.7
k
max
Input Capacitance
10
pF max
TEMPERATURE SENSOR
±4ºCCalibrated dc offset
ON-CHIP REFERENCE
Reference Error
±200
mV max
Temperature Coefficient
30
ppm/ºC typ
CLKIN
Input Clock Frequency
10
MHz typ
LOGIC INPUTS
RESET, DIN, SCLK, CLKIN, and CS
Input High Voltage, VINH
2.4
V min
DVDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
V max
DVDD = 5 V
± 5%
Input Current, IIN
±3
A max
Typical 10 nA, VIN = 0 V to DVDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS
CF, IRQ, DOUT, and CLKOUT
Output High Voltage, VOH
4V min
DVDD = 5 V
± 5%
Output Low Voltage, VOL
1V max
DVDD = 5 V
± 5%
POWER SUPPLY
For specified performance
AVDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
DVDD
4.75
V min
5 V – 5%
5.25
V max
5 V + 5%
AIDD
7
mA max
At 5.25 V
DIDD
18
mA max
At 5.25 V
NOTES
1See Terminology section for explanation of specifications.
2See plots in the Typical Performance Characteristics section.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com