Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices ADE7754_15 Datasheet HTML 38Page - Analog Devices ADE7754_15 Datasheet HTML 39Page - Analog Devices ADE7754_15 Datasheet HTML 40Page - Analog Devices ADE7754_15 Datasheet HTML 41Page - Analog Devices ADE7754_15 Datasheet HTML 42Page - Analog Devices ADE7754_15 Datasheet HTML 43Page - Analog Devices ADE7754_15 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
REV. 0
–40–
ADE7754
Interrupt Status Register (10h)/Reset Interrupt Status Register (11h)
The interrupt status register is used to determine the source of an interrupt event. When an interrupt event occurs in the ADE7754,
the corresponding flag in the interrupt status register is set logic high. The
IRQ pin will go active low if the corresponding bit in the
interrupt enable register is set logic high. When the MCU services the interrupt, it must first carry out a read from the interrupt sta-
tus register to determine the source of the interrupt. All the interrupts in the interrupt status register stay at their logic high state after
an event occurs. The state of the interrupt bit in the interrupt status register is reset to its default value once the reset interrupt status
register is read.
Table XVII. STATUS Register
Bit
Interrupt
Default
Event
Location
Flag
Value
Description
0
AEHF
0
Indicates that an interrupt was caused by the 0 to 1 transition of the MSB of the AENERGY
register (i.e., the AENERGY register is half full).
1
SAGA
0
Indicates that an interrupt was caused by a SAG on the line voltage of the Phase A.
2
SAGB
0
Indicates that an interrupt was caused by a SAG on the line voltage of the Phase B.
3
SAGC
0
Indicates that an interrupt was caused by a SAG on the line voltage of the Phase C.
4
ZXTOA
0
Indicates that an interrupt was caused by a missing zero crossing on the line voltage of the Phase A.
5
ZXTOB
0
Indicates that an interrupt was caused by a missing zero crossing on the line voltage of the Phase B.
6
ZXTOC
0
Indicates that an interrupt was caused by a missing zero crossing on the line voltage of the Phase C.
7
ZXA
0
Indicates a detection of rising zero crossing in the voltage channel of the Phase A.
8
ZXB
0
Indicates a detection of rising zero crossing in the voltage channel of the Phase B.
9
ZXC
0
Indicates a detection of rising zero crossing in the voltage channel of the Phase C.
Ah
LENERGY
0
In line energy accumulation, it indicates the end of an integration over an integer number of
half line cycles (LINCYC). See the Energy Calculation section.
Bh
RESET
0
Indicates that the ADE7754 has been reset.
Ch
PKV
0
Indicates that an interrupt was caused when the selected voltage input is above the value in the
PKVLV register.
Dh
PKI
0
Indicates that an interrupt was caused when the selected current input is above the value in the
PKILV register.
Eh
WFSM
0
Indicates that new data is present in the waveform register.
Fh
VAEHF
0
Indicates that an interrupt was caused by the 0 to 1 transition of the MSB of the VAENERGY
register (i.e., the VAENERGY register is half full).
0
0
0
0
0
0
0
0
F
E
D
C
B
A
9
8
INTERRUPT STATUS REGISTER*
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
VAEHF
(APPARENT ENERGY REGISTER HALF FULL)
PKI
(CURRENT CHANNEL PEAK DETECTION)
PKV
(VOLTAGE CHANNEL PEAK DETECTION)
AEHF
(ACTIVE ENERGY REGISTER HALF FULL)
SAG
(SAG EVENT DETECT)
ZX
(ZERO-CROSSING TIMEOUT DETECTION)
ZX
(ZERO-CROSSING DETECTION)
LENERGY
(END OF THE LAENERGY AND LVAENERGY ACCUMULATION)
WFSM
(NEW WAVEFORM SAMPLE READY)
ADDR: 10h
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com