Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7754_15 Datasheet HTML 35Page - Analog Devices ADE7754_15 Datasheet HTML 36Page - Analog Devices ADE7754_15 Datasheet HTML 37Page - Analog Devices ADE7754_15 Datasheet HTML 38Page - Analog Devices ADE7754_15 Datasheet HTML 39Page - Analog Devices ADE7754_15 Datasheet HTML 40Page - Analog Devices ADE7754_15 Datasheet HTML 41Page - Analog Devices ADE7754_15 Datasheet HTML 42Page - Analog Devices ADE7754_15 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
REV. 0
ADE7754
–39–
Interrupt Enable Register (0Fh)
When an interrupt event occurs in the ADE7754, the
IRQ logic output goes active low if the enable bit for this event is Logic 1 in this
register. The
IRQ logic output is reset to its default collector open state when the RSTATUS register is read. Table XVI describes the
function of each bit in the interrupt enable register.
Table XVI. IRQEN Register
Bit
Interrupt
Default
Location
Flag
Value
Description
0
AEHF
0
Enables an interrupt when there is a 0 to 1 transition of the MSB of the AENERGY register
(i.e., the AENERGY register is half-full).
1
SAGA
0
Enables an interrupt when there is a SAG on the line voltage of the Phase A.
2
SAGB
0
Enables an interrupt when there is a SAG on the line voltage of the Phase B.
3
SAGC
0
Enables an interrupt when there is a SAG on the line voltage of the Phase C.
4
ZXTOA
0
Enables an interrupt when there is a zero-crossing timeout detection on Phase A.
5
ZXTOB
0
Enables an interrupt when there is a zero-crossing timeout detection on Phase B.
6
ZXTOC
0
Enables an interrupt when there is a zero-crossing timeout detection on Phase C.
7
ZXA
0
Enables an interrupt when there is a rising zero crossing in voltage channel of the Phase A—
zero-crossing detection.
8
ZXB
0
Enables an interrupt when there is a rising zero crossing in voltage channel of the Phase B—
zero-crossing detection.
9
ZXC
0
Enables an interrupt when there is a rising zero crossing in voltage channel of the Phase C—
zero-crossing detection.
Ah
LENERGY
0
Enables an interrupt when the LAENERGY and LVAENERGY accumulations over LINCYC
are finished.
Bh
Reserved.
Ch
PKV
0
Enables an interrupt when the voltage input selected in the MMODE register is above the
value in the PKVLVL register.
Dh
PKI
0
Enables an interrupt when the current input selected in the MMODE register is above the
value in the PKILVL register.
Eh
WFSM
0
Enables an interrupt when a data is present in the waveform register.
Fh
VAEHF
0
Enables an interrupt when there is a 0 to 1 transition of the MSB of the VAENERGY register
(i.e., the VAENERGY register is half full).
0
0
0
0
0
0
0
0
F
E
D
C
B
A
9
8
INTERRUPT ENABLE REGISTER*
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
VAEHF
(APPARENT ENERGY REGISTER HALF FULL)
PKI
(CURRENT CHANNEL PEAK DETECTION)
PKV
(VOLTAGE CHANNEL PEAK DETECTION)
AEHF
(ACTIVE ENERGY REGISTER HALF FULL)
SAG
(SAG EVENT DETECT)
ZX
(ZERO-CROSSING TIMEOUT DETECTION)
ZX
(ZERO-CROSSING DETECTION)
LENERGY
(END OF THE LAENERGY AND LVAENERGY ACCUMULATION)
WFSM
(NEW WAVEFORM SAMPLE READY)
ADDR: 0Fh
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com