Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7754 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7754
Description  Polyphase Multifunction Energy Metering IC with Serial Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7754 Datasheet(HTML) 1 Page - Analog Devices

  ADE7754_15 Datasheet HTML 1Page - Analog Devices ADE7754_15 Datasheet HTML 2Page - Analog Devices ADE7754_15 Datasheet HTML 3Page - Analog Devices ADE7754_15 Datasheet HTML 4Page - Analog Devices ADE7754_15 Datasheet HTML 5Page - Analog Devices ADE7754_15 Datasheet HTML 6Page - Analog Devices ADE7754_15 Datasheet HTML 7Page - Analog Devices ADE7754_15 Datasheet HTML 8Page - Analog Devices ADE7754_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADE7754
Polyphase Multifunction
Energy Metering IC with Serial Port
FUNCTIONAL BLOCK DIAGRAM
LPF2
X2
AVRMSOS
X2
HPF
AVAG
ADC
ADC
AAPGAIN
APHCAL
PGA1
PGA2
AAPOS
AWG
ABS
|X|
AIRMSOS
LPF2
X2
BVRMSOS
X2
HPF
BVAG
ADC
ADC
BAPGAIN
BPHCAL
PGA1
BAPOS
BWG
ABS
|X|
BIRMSOS
LPF2
X2
CVRMSOS
X2
HPF
CVAG
ADC
ADC
CAPGAIN
CPHCAL
PGA1
PGA2
CAPOS
CWG
ABS
|X|
CIRMSOS
DFC
CFNUM
CFDEN
%
%
WDIV
VADIV
POWER SUPPLY
MONITOR
ADE7754 REGISTERS AND
SERIAL INTERFACE
IAP
IAN
VAP
IBP
IBN
VBP
ICP
ICN
VCP
VN
PGA2
2.4V REF
ADE7754
AGND
REFIN/OUT
DIN DOUT SCLK
CS
IRQ
CF
DVDD
DGND
CLKIN
CLKOUT
RESET
AVDD
ADC
4k
AVGAIN
BVGAIN
CVGAIN
TEMP
SENSOR
FEATURES
High Accuracy, Supports IEC 687/61036
Compatible with 3-Phase/3-Wire, 3-Phase/4-Wire
and any Type of 3-Phase Services
Less than 0.1% Error in Active Power Measurement over a
Dynamic Range of 1000 to 1
Supplies Active Energy, Apparent Energy, Voltage RMS,
Current RMS, and Sampled Waveform Data
Digital Power, Phase, and Input Offset Calibration
On-Chip Temperature Sensor ( 4 C Typical after Calibration)
On-Chip User Programmable Thresholds for Line Voltage
SAG and Overdrive Detections
SPI Compatible Serial Interface with Interrupt
Request Line (IRQ)
Pulse Output with Programmable Frequency
Proprietary ADCs and DSP Provide High Accuracy over
Large Variations in Environmental Conditions and Time
Single 5 V Supply
GENERAL DESCRIPTION
The ADE7754 is a high accuracy polyphase electrical energy
measurement IC with a serial interface and a pulse output. The
ADE7754 incorporates second order
Σ-∆ ADCs, reference
circuitry, temperature sensor, and all the signal processing
required to perform active, apparent energy measurements, and
rms calculation.
The ADE7754 provides different solutions for measuring active
and apparent energy from the six analog inputs, thus enabling
the use of the ADE7754 in various power meter services such as
3-phase/4-wire, 3-phase/3-wire, and 4-wire delta.
In addition to rms calculation, active and apparent power infor-
mation, the ADE7754 provides system calibration features for
each phase (i.e., channel offset correction, phase calibration,
and gain calibration). The CF logic output provides instanta-
neous active power information.
The ADE7754 has a waveform sample register that enables
access to ADC outputs. The part also incorporates a detection
circuit for short duration low or high voltage variations. The
voltage threshold levels and the duration (number of half line
cycles) of the variation are user programmable.
A zero-crossing detection is synchronized with the zero-crossing
point of the line voltage of each of the three phases. The infor-
mation collected is used to measure each line’s period. It is also
used internally to the chip in the line active energy and line
apparent energy accumulation modes. This permits faster and
more accurate calibration of the power calculations. This signal
is also useful for synchronization of relay switching.
Data is read from the ADE7754 via the SPI serial interface. The
interrupt request output (
IRQ) is an open-drain, active low
logic output. The
IRQ output goes active low when one or more
interrupt events have occurred in the ADE7754. A status regis-
ter indicates the nature of the interrupt.
The ADE7754 is available in a 24-lead SOIC package.


Similar Part No. - ADE7754_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7754AR AD-ADE7754AR Datasheet
2Mb / 44P
ADE7754
REV. PrG 01/03
ADE7754AR AD-ADE7754AR Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7754ARRL AD-ADE7754ARRL Datasheet
2Mb / 44P
ADE7754
REV. PrG 01/03
ADE7754ARRL AD-ADE7754ARRL Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
More results

Similar Description - ADE7754_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752ARZ AD-ADE7752ARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
logo
Sames
SA4301A SAMES-SA4301A Datasheet
636Kb / 23P
Polyphase Energy Metering IC with Pulse Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com