Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 6Page - STMicroelectronics AN3392 Datasheet HTML 7Page - STMicroelectronics AN3392 Datasheet HTML 8Page - STMicroelectronics AN3392 Datasheet HTML 9Page - STMicroelectronics AN3392 Datasheet HTML 10Page - STMicroelectronics AN3392 Datasheet HTML 11Page - STMicroelectronics AN3392 Datasheet HTML 12Page - STMicroelectronics AN3392 Datasheet HTML 13Page - STMicroelectronics AN3392 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Application information
AN3392
10/57
Doc ID 018749 Rev 1
Equation 1
where “D” is the duty cycle [Ton/(Ton+Toff)] of the rectangular waveform driving the switching
element.
Boost converters can work in two main modes:
●
Continuous mode (CM);
●
Discontinuous mode (DCM);
depending on whether the current on the inductor becomes zero (DCM), or not (CM), within
the switching period.
Figure 7.
Step-up converter in discontinuous mode
Even though a boost converter may work both in CM and DCM modes, efficiency is normally
higher when it works in CM, if the switching frequency is constant.
Inductance and switching frequency (Fsw) determine the working mode. In order to have the
system working in CM, the following rule should be used:
Equation 2
Worst case for L in the above formula is D = 50%.
V
out
V
in
-----------
1
1D
–
-------------
=
Fs w
*
2
))
D
1
(
*
D
(
Pin
Vo ut
L
2
2
−
∗
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com