Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics AN3392 Datasheet HTML 35Page - STMicroelectronics AN3392 Datasheet HTML 36Page - STMicroelectronics AN3392 Datasheet HTML 37Page - STMicroelectronics AN3392 Datasheet HTML 38Page - STMicroelectronics AN3392 Datasheet HTML 39Page - STMicroelectronics AN3392 Datasheet HTML 40Page - STMicroelectronics AN3392 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
AN3392
Layout guidelines
Doc ID 018749 Rev 1
37/57
11
Layout guidelines
The PCB layout is very important in order to minimize noise, high frequency resonance
problems and electromagnetic interference.
Paths between each inductor and its relative pin must be designed with the same
resistance. Different resistances between the four branches can be the root cause of an
unbalanced current flow among the four branches. Unbalanced currents can cause damage
and a poor tracking of the MPPT.
The same approach must be followed for the four VOUT tracks.
It is essential to keep the paths where the high switching current circulates as small as
possible. This reduces radiation and electromagnetic resonance problems.
Large traces for high current paths and an extended ground plane under the metal slug of
the package help reduce noise and heat dissipation (which is strongly impacted by the
thermal vias as well), and also increase efficiency.
Boost capacitors must be connected as close as possible to the Lx and CBx pins.
It is also suggested to connect the bootstrap capacitor directly to the Lx track making sure
there is no voltage drop between the Lx pin and bootstrap capacitor connection due to
current flowing through Lx.
The output and input capacitors should be very close to the device.
The external resistor dividers, if used, should be as close as possible to the VIN_SNS and
VOUT_SNS of the device, and as far as possible from high current circulating paths, to avoid
noise pickup.
As an example of a recommended layout, see the demonstration board in Figure 25 and 26:
Figure 25.
PCB layout example (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com