Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 27Page - STMicroelectronics AN3392 Datasheet HTML 28Page - STMicroelectronics AN3392 Datasheet HTML 29Page - STMicroelectronics AN3392 Datasheet HTML 30Page - STMicroelectronics AN3392 Datasheet HTML 31Page - STMicroelectronics AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics AN3392 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
AN3392
External component selection
Doc ID 018749 Rev 1
31/57
According to Figure 6, during the charge phase (switch ON), peak current on each inductor
depends on the applied voltage (Vin), on the inductance (Lx) and on the time (TON).
Equation 11
Taking into account the overcurrent threshold (4.5 A):
Equation 12
Finally, inductance should be chosen according to the following formula:
Equation 13
Considering the possible unbalance of the currents and the inductance drop due to self
heating effect, a more conservative choice would be to replace 4.5 A with 3.15 A (70%).
Triggering the overcurrent threshold will cause limitation of the duty cycle and consequently
limitation of the input and output powers.
Usually, inductances ranging between 22 µH to 100 µH satisfy most application
requirements.
Critical parameters for the inductor choice are inductance (analyzed above), Irms current,
saturation current, and size.
The current flowing through an inductor causes its internal temperature increase (self-
heating effect). Irms typically indicates the current value causing a temeprature increase of
20, 30, or 40 °C. The higher the temeprature, the higher the inductance drop with respect to
its nominal value.
For the same physical size, smaller inductance values provide for faster response to load
transients and higher efficiency. Inductor size also affects the maximum current deliverable
to the load. The saturation current of the inductor should be higher than the peak current
limit of the input source. The suggested saturation current should be > 4.5 A.
Inductors with low series resistance are suggested to guarantee high efficiency.
10.3
Bootstrap capacitors
C1, C2, C3, and C4 are four capacitors used to guarantee internal functionality of the
SPV1020. Their role is to maintain the required voltage level on pins CB1, CB2, CB3, and
CB4 even during the charging phase of the inductors.
Capacitance value is the same for all four capacitors and is not application dependant. The
suggested value is in the range of 22 nF to 100 nF. Each capacitor switches synchronously
with the related inductor (at 100 kHz). The maximum voltage is fixed by the internal voltage
regulator (~5 V).
I
Lx pk
() I
Lx rms
()
1
2
---
Vmp
L
x
-------------
T
ON
⋅⋅
+
≅
A
5
.
4
)
pk
(
ILx
<
L
x
1
2
---
V
mp
T
ON
×
4.5
I
Lx rms
()
–
-------------------------------------
1
2
---
V
mp
T
ON
⋅
4.5
I
mp
4
--------
–
-----------------------------
×
=
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com