Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 30Page - STMicroelectronics AN3392 Datasheet HTML 31Page - STMicroelectronics AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics AN3392 Datasheet HTML 35Page - STMicroelectronics AN3392 Datasheet HTML 36Page - STMicroelectronics AN3392 Datasheet HTML 37Page - STMicroelectronics AN3392 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
External component selection
AN3392
34/57
Doc ID 018749 Rev 1
Critical parameters for capacitors are: capacitance, maximum voltage and ESR.
Maximum voltage of this capacitor is strictly dependent upon the output voltage range. The
SPV1020 can support up to 40 V. The minimum suggested voltage for these capacitors is
50 V.
Low ESR capacitors are a good choice in order to increase the entire system efficiency.
The suggested minimum output capacitance is 28 µF. In the case of series connection (see
Appendix B: SPV1020 parallel and series connection), it is suggested to increase the output
capacitance up to 100 µF.
In order to reduce the ESR effect it is suggested to split the output capacitance into three
capacitors connected in parallel.
In accordance with the maximum current (Isc) provided by the PV panel connected at the
input, the following formula can be used in order to select the proper capacitance value
(Cout) for a specified maximum output voltage ripple (Vout_rp_max):
Equation 20
It is suggested to split the capacitance into four capacitors, each to be connected to each of
the four VOUT pins of the SPV1020. This helps to balance the impedance of the four tracks.
10.9
Output voltage partitioning
R3 and R4 are the two resistors used for partitioning the output voltage.
If VOUT_MAX is the maximum output voltage at the load, then R3 and R4 must be selected
according to the following rule:
Equation 21
Also, in order to optimize the efficiency of the entire system, when selecting R3 and R4, their
power dissipation must be taken into account.
Assuming negligible current flowing through pin VOUT_SNS, maximum power dissipation in
the series connection of R3 and R4 is:
Equation 22
Empirically, R3 and R4 should be selected according to:
Equation 23
C
out
I
sc
V
out_rp-max
F
SW
⋅
----------------------------------------------
≥
R3
R4
--------
V
out_max
1.00
----------------------
1
–
=
P
vout_sns
V
out_max
()
R3
R4
+
----------------------------
2
=
P
vout_sns
1% V
out_max
I
out_max
⋅
()
«



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com