Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 25Page - STMicroelectronics AN3392 Datasheet HTML 26Page - STMicroelectronics AN3392 Datasheet HTML 27Page - STMicroelectronics AN3392 Datasheet HTML 28Page - STMicroelectronics AN3392 Datasheet HTML 29Page - STMicroelectronics AN3392 Datasheet HTML 30Page - STMicroelectronics AN3392 Datasheet HTML 31Page - STMicroelectronics AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
AN3392
External component selection
Doc ID 018749 Rev 1
29/57
10
External component selection
The SPV1020 requires a set of external components and their proper selection guarantees
both the best chip functionality and system efficiency.
The following sections refer to the connections and component labels shown in Figure 24
below:
Figure 24.
STEVAL-ISV009V1 schematic (PowerSSO-36 package)
Please note the connections to OSC_IN are alternative connections. For the default
switching frequency of 100 kHz, connect OSC_IN to VREG. For frequencies other than 100
kHz, connect a resistor between OSC_IN and SGND (see Section 10.11).
PGND
PGND
VIN_SNS_M
VIN_SNS_M
AGND
SHUT/SPI_XCS
TEST_DATA/SPI_DATA_IN
TEST_CLK/SPI_CLK
PV+
PV-
Vout+
Vout-
Iin path
Iout path
Ground path
High Current Path Legend
SPV1001-N30 SPV1001-N40
SPV1020
ST SOLAR KEY PRODUCT Legend
VOUT_SNS
VOUT_SNS
L2
CB1
CB1
CB1
CB1
CB1
L1
VIN
VIN
L2
CB2
CB2
CB2
CB2
CB2
CB3
CB3
CB3
CB3
CB3
VIN
3
L3
L
VIN
4
L4
L
CB4
CB4
CB4
CB4
CB4
L3
L4
L1
VIN_SNS
VIN_SNS
DIAG/SPI_DATA_OUT
V_OUT
PZ_OUT
VOUT_SNS
VOUT_SNS
VOUT_SNS
VOUT_SNS
OSC_IN
CB4
V_OUT
CB3
V_OUT
V_OUT
CB1
VCC
VIN_SNS
CB2
DIAG/SPI_DATA_OUT
OSC_IN
Vreg
VIN
V_OUT
V_OUT
VCC
0
0
0
0
0
0
0
0
0
C7
470nF
C7
470nF
L1
47uH
L1
47uH
J40
CONN FLEX 2
J40
CONN FLEX 2
1
2
J35
SPV1020 (PSSO36 package)
J35
SPV1020 (PSSO36 package)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
D2
SPV1001N40
D2
SPV1001N40
R3
3.9M
R3
3.9M
L2
47uH
L2
47uH
TP7
TP7
1
C8
22nF
C8
22nF
C9
220pF
C9
220pF
C11
1uF
C11
1uF
J47
FASTON
J47
FASTON
R5
1k
R5
1k
D3STPS160U
D3STPS160U
D6
SPV1001-N30
D6
SPV1001-N30
C3
100nF
C3
100nF
R2
110k
R2
110k
C2
100nF
C2
100nF
L3
47uH
L3
47uH
D7
SPV1001-N30
D7
SPV1001-N30
R4
110k
R4
110k
L4
47uH
L4
47uH
D5
D5
C10
220pF
C10
220pF
J48
FASTON
J48
FASTON
D4
SMB36CA
D4
SMB36CA
C14
4.7uF
C14
4.7uF
L5
2u5H
L5
2u5H
R6
0
R6
0
TP8
TP8
1
J36
4 HEADER
J36
4 HEADER
1
2
3
4
TP5
TP5
1
C15
4.7uF
C15
4.7uF
R7
dnm
R7
dnm
C4
100nF
C4
100nF
C6
4.7uF
C6
4.7uF
D8
SPV1001-N30
D8
SPV1001-N30
R1
3.3M
R1
3.3M
C1
100nF
C1
100nF
TP6
TP6
1
D1
SPV1001N40
D1
SPV1001N40
C16
4.7uF
C16
4.7uF
C5
4u7F
C5
4u7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com