Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 7Page - STMicroelectronics AN3392 Datasheet HTML 8Page - STMicroelectronics AN3392 Datasheet HTML 9Page - STMicroelectronics AN3392 Datasheet HTML 10Page - STMicroelectronics AN3392 Datasheet HTML 11Page - STMicroelectronics AN3392 Datasheet HTML 12Page - STMicroelectronics AN3392 Datasheet HTML 13Page - STMicroelectronics AN3392 Datasheet HTML 14Page - STMicroelectronics AN3392 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
AN3392
SPV1020 description
Doc ID 018749 Rev 1
11/57
3
SPV1020 description
The SPV1020 is an IC designed to provide a boost with a 4-phase interleaved topology
when supplied by photovoltaic panels.
In a 4-phase topology, the inductor-switch-diode branch is cloned 3 times and the resulting
four branches are connected in parallel. The resulting architecture is shown in Figure 8
below:
Figure 8.
Boost converter interleaved 4-phase architecture
The SPV1020 drives the four switching elements with the same waveform but shifted by
TSW/4.
In order to increase application efficiency each diode can be replaced by a switching
element driven complimentary with respect to the corresponding switch. Furthermore, these
four switching elements (synchronous rectifiers) must be driven in order to prevent current
flow from the output to the input.
The SPV1020 integrates four zero crossing blocks (ZCB), one for each branch. Their role is
to turn off the related synchronous rectifier to prevent reverse current flow from output to
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com