Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 36Page - STMicroelectronics AN3392 Datasheet HTML 37Page - STMicroelectronics AN3392 Datasheet HTML 38Page - STMicroelectronics AN3392 Datasheet HTML 39Page - STMicroelectronics AN3392 Datasheet HTML 40Page - STMicroelectronics AN3392 Datasheet HTML 41Page - STMicroelectronics AN3392 Datasheet HTML 42Page - STMicroelectronics AN3392 Datasheet HTML 43Page - STMicroelectronics AN3392 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
Bill of material
AN3392
40/57
Doc ID 018749 Rev 1
Component
Name
Value
Supplier
Serial number
D1, D2
Controller bypass diodes
SPV1001N40
ST
SPV1001N40
J35
Voltage boost controller
SPV1020
ST
SPV1020
J36
SPI I/F connector
4-pin
connector
PHOENIX
CONTACT
1723672
D4
600 W, 40 V bi-directional
protection Transil
SMBJ36CA
ST
SMBJ36A-TR
J47, J48
Output connector
FASTON
connector
J40
Alternative input connector
2-pin
connector
PHOENIX
CONTACT
L5
Output current ripple filter
2.5
µH
Coilraft
MLC1550-252ML
Table 5.
Bill of material (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com