Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 10Page - STMicroelectronics AN3392 Datasheet HTML 11Page - STMicroelectronics AN3392 Datasheet HTML 12Page - STMicroelectronics AN3392 Datasheet HTML 13Page - STMicroelectronics AN3392 Datasheet HTML 14Page - STMicroelectronics AN3392 Datasheet HTML 15Page - STMicroelectronics AN3392 Datasheet HTML 16Page - STMicroelectronics AN3392 Datasheet HTML 17Page - STMicroelectronics AN3392 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Application efficiency
AN3392
14/57
Doc ID 018749 Rev 1
5
Application efficiency
In designing a boost application, a typical constraint is the maximum output current ripple.
Once frequency, input, and output voltage are defined, this ripple is directly related to the
inductance value in the application:
Equation 3
The inductance value can be designed for a single-ended architecture and then divided by 4
in the case of IL-4 architecture.
Each inductor, due to its internal resistance (RL), can affect system efficiency. For high
current applications, an inductor with a compact geometry may compromise the efficiency
requirements.
Using the same ferromagnetic material, higher inductance can be achieved by increasing
the inductor geometry, or by increasing the number of turns but using a thinner wire.
In order to save space and cost, the latter solution is preferred but this increases the internal
resistance and the saturation current of the inductor.
I
ripple
I
Lmax
I
Lmin
V
in
L
--------
D
F
sw
---------
⋅
=
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com