Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 35Page - STMicroelectronics AN3392 Datasheet HTML 36Page - STMicroelectronics AN3392 Datasheet HTML 37Page - STMicroelectronics AN3392 Datasheet HTML 38Page - STMicroelectronics AN3392 Datasheet HTML 39Page - STMicroelectronics AN3392 Datasheet HTML 40Page - STMicroelectronics AN3392 Datasheet HTML 41Page - STMicroelectronics AN3392 Datasheet HTML 42Page - STMicroelectronics AN3392 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
AN3392
Bill of material
Doc ID 018749 Rev 1
39/57
12
Bill of material
Table 5 shows a list of suggested external components to configure the SPV1020 in an
application with VOC = 30 V, Imp = 9 A, Vout_max = 36 V and FSW = 100 kHz.
Table 5.
Bill of material
Component
Name
Value
Supplier
Serial number
C1, C2, C3,
C4
Bootstrap capacitors
100 nF
Murata EPCOS
GRM188R71C104KA01
C1608X7R1H104K
C11
Die supply capacitor
1 µF
Murata EPCOS
GRM31MR71H105KA88
C3216X7R1H105K
C5
PV input capacitor
4.7 µF
Murata EPCOS
GRM31MR71H475KA88
C3216X7R1H475K
C9, C10
Voltage sensing capacitors
220 pF
Murata EPCOS
GRM188R71E221KA01
C1608C0G1H221J
C8
Compensation capacitor
22 nF
Murata EPCOS
GRM188R71C223KA01
C1608X7R1H223K
C7
Internal reference voltage capacitor
470 nF
Murata EPCOS
GRM188R71A474KA61
C1608X7R1C474K
C6, C12,
C13, C14,
C15, C16
Output capacitors
4.7 µF
Murata EPCOS
GRM32ER71H475KA88K
C3225X7R1H475K
D3
Decoupling of supply pin
STPS160U
ST
STPS160U
R1
Input voltage partitioning resistor
3.3 M
Ω
VISHAY
D11/CRCW0603 3.3M
R2
Input voltage partitioning resistor
110 k
Ω
Cyntec
RR0816R-114-DN-11
R3
Output voltage partitioning resistor
3.9 M
Ω
VISHAY
D11/CRCW0603 3.9M 1%
R4
Output voltage partitioning resistor
110 k
Ω
Cyntec
RR0816R-114-DN-11
R5
Compensation resistor
1 k
Ω
Cyntec
RR0816R-102-DN-11
R6
Pull-up resistor
(Note: R6 must be removed if R7 is
soldered)
0
Ω
R7
(optional)
Oscillator resistor
(Note: R6 must be removed if R7 is
soldered)
Depending
on desired
Fsw
L1, L2, L3,
L4
Phase x (x=1..4) inductors
47
µH
Cyntec
PIMB136T-470MS-11
Coilcraft
MSS1278T-473ML
EPCOS
B82477G4473M003
B82477G4473M
Murata
49470SC
D6, D7, D8
PV panel bypass diodes
SPV1001N30
ST
SV1001-N30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com