Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 43Page - STMicroelectronics AN3392 Datasheet HTML 44Page - STMicroelectronics AN3392 Datasheet HTML 45Page - STMicroelectronics AN3392 Datasheet HTML 46Page - STMicroelectronics AN3392 Datasheet HTML 47Page - STMicroelectronics AN3392 Datasheet HTML 48Page - STMicroelectronics AN3392 Datasheet HTML 49Page - STMicroelectronics AN3392 Datasheet HTML 50Page - STMicroelectronics AN3392 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
AN3392
Doc ID 018749 Rev 1
47/57
Appendix C
C.1
Power efficiency, MPPT efficiency and thermal analysis
The aim of this appendix is to show the efficiency and MPPT accuracy of the STEVAL-
ISV009V1.
The following equipment has been used:
1.
Agilent Technologies E4360A Modular SAS Mainframe with module E4361A
2.
Chroma 6314A DC ELECTRONIC LOAD Mainframe
3.
LeCroy WaveRunner 6100 A.
4.
Agilent 34401A digit Multimeter (as voltmeter)
5.
Agilent U1242 digital Multimeter (as ammeter)
6.
STEVAL-ISV009V1 (SPV1020 application board)
The following image shows the setup of the above environment.
Figure 30.
Measurement environment
The following figure (Figure 31) shows the power conversion when @VMPP =12 V, IMPP
ranges from 1 A to 8 A (step 1 A), and P ranges between 12 W and 96 W. The minimum
efficiency at P=96 W is 97 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com