Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 20Page - STMicroelectronics AN3392 Datasheet HTML 21Page - STMicroelectronics AN3392 Datasheet HTML 22Page - STMicroelectronics AN3392 Datasheet HTML 23Page - STMicroelectronics AN3392 Datasheet HTML 24Page - STMicroelectronics AN3392 Datasheet HTML 25Page - STMicroelectronics AN3392 Datasheet HTML 26Page - STMicroelectronics AN3392 Datasheet HTML 27Page - STMicroelectronics AN3392 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Voltage regulation
AN3392
24/57
Doc ID 018749 Rev 1
Figure 22.
Frame structure: register read operation
The SPV1020 register file is accessible by the host through the SPI bus. Therefore, the host
can read some registers of the SPV1020 control parameters. Each data frame includes at
least one command byte followed by some data bytes whose direction depends on the type
of command. If the command byte requires some data to be read from the register file, those
data are transmitted from the slave to the master through the MISO pin; therefore the master
appends a number of NOPs (0x00) to the command, so that the entire data can be
transmitted, see Figure 22. In other words, the master must transmit a byte to receive a byte.
If the SS wire goes high before the completion of a command byte in the data frame, the
SPV1020 rejects that byte and the frame is closed; then the next data frame is considered
as a new one, starting with a command byte.
Some data words can be longer than 8 bits, such as ADC results (10 bits); in such cases,
data is first extended to the nearest multiple of one byte (it is right justified), then it is split
into bytes, e.g. the ADC result R is formatted as follows:
Table 1.
Data format for words longer than 8 bits
Bit 7
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSB
Byte 1
0
00
00
0
R9
MSB
R8
Byte 2
R7
R6R5
R4R3
R2R1
R0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com