Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 15Page - STMicroelectronics AN3392 Datasheet HTML 16Page - STMicroelectronics AN3392 Datasheet HTML 17Page - STMicroelectronics AN3392 Datasheet HTML 18Page - STMicroelectronics AN3392 Datasheet HTML 19Page - STMicroelectronics AN3392 Datasheet HTML 20Page - STMicroelectronics AN3392 Datasheet HTML 21Page - STMicroelectronics AN3392 Datasheet HTML 22Page - STMicroelectronics AN3392 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
AN3392
SPV1020 functions
Doc ID 018749 Rev 1
19/57
the perturbation of the DC. The resolution of the duty cycle perturbation is 0.2 % over most
of its range.
An increase or decrease of the DC depends on the update done in the previous step and by
the direction of the input power.
The MPPT algorithm compares the current input power (Ptn) with the input power computed
in the previous step (Ptn-1). If the power is increasing then the update is in the same
direction as in the previous step. Otherwise the update is swapped (from increasing to
decreasing or vice-versa).
When the system is at the MPP, the user can see the duty cycle oscillating between three
values within a time window of 256*3 = 768 times the switching period (7.68 ms).
Figure 18 shows the sampling/working points (red circles) set by the SPV1020 and how they
change (red arrows) during normal operating mode.
Figure 18.
MPPT concept flow diagram
The input for the MPPT algorithm is the incoming power but its computation depends on the
working mode of the application, either DCM or CM.
The SPV1020 discriminates between DCM and CM by the zero crossing blocks (ZCB), refer
to Section 3 (Figure 9) for details.
The SPV1020 moves between DCM and CM states implementing a sort of hysteresis,
depending on how many of the four ZCBs (Figure 9) have their own outputs activated.
Figure 19 shows the related finite state machine (FSM) implementation within the
normal/MPPT mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com