Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3392 Datasheet HTML 1Page - STMicroelectronics AN3392 Datasheet HTML 2Page - STMicroelectronics AN3392 Datasheet HTML 3Page - STMicroelectronics AN3392 Datasheet HTML 4Page - STMicroelectronics AN3392 Datasheet HTML 5Page - STMicroelectronics AN3392 Datasheet HTML 6Page - STMicroelectronics AN3392 Datasheet HTML 7Page - STMicroelectronics AN3392 Datasheet HTML 8Page - STMicroelectronics AN3392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
May 2012
Doc ID 018749 Rev 1
1/57
AN3392
Application note
Designing with the SPV1020, an interleaved boost converter with
MPPT algorithm
By Domenico Ragonese, Massimiliano Ragusa
Introduction
The SPV1020 is a monolithic DC-DC boost converter designed to maximize the power
generated by photovoltaic panels independent of temperature and the amount of solar
radiation. The optimization of the power conversion is obtained with embedded logic which
performs the MPPT (maximum power point tracking) algorithm on the PV cells connected to
the converter.
One or more converters can be housed in the junction box of PV panels, replacing the
bypass diodes. Because of the fact that the maximum power point is locally computed, the
efficiency at system level is higher compared to the use of conventional topologies, where
the MPPT is computed in the main centralized inverter.
For a cost effective application and miniaturized solution, the SPV1020 embeds the Power
MOSFETs for active switching and synchronous rectification, minimizing the number of
external devices. Furthermore, the 4-phase interleaved topology of the DC-DC converter
avoids the use of electrolytic capacitors, which can severely limit the system lifetime.
The SPV1020 operates at fixed frequency in PWM mode, where the duty cycle is controlled
by embedded logic running a Perturb&Observe MPPT algorithm. The switching frequency,
internally generated and set by default at 100 kHz, is externally adjustable, while the duty
cycle can range from 5% to 90% in steps of 0.2%.
Safety of the application is guaranteed by stopping the drivers in the case of output
overvoltage or overtemperature.
Figure 1.
STEVAL-ISV009V1 demonstration board
www.st.com


Similar Part No. - AN3392

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3393 STMICROELECTRONICS-AN3393 Datasheet
2Mb / 103P
This document is intended to provide information
17-Oct-2014
AN3394 STMICROELECTRONICS-AN3394 Datasheet
481Kb / 29P
Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
03-Oct-2011
AN3395 STMICROELECTRONICS-AN3395 Datasheet
154Kb / 11P
Sensing resistor selection and usage
05-Dec-2011
AN3397 STMICROELECTRONICS-AN3397 Datasheet
434Kb / 24P
Temperature sensor example using the STM8L-DISCOVERY board
12-Oct-2012
AN3398 STMICROELECTRONICS-AN3398 Datasheet
191Kb / 11P
Fast digital calibration procedure
16-Nov-2011
More results

Similar Description - AN3392

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
Enpirion, Inc.
EV1320QI ENPIRION-EV1320QI Datasheet
1Mb / 20P
The EV1320QI is a DC to DC converter specifically designed for memory termination applications.
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
The L4971 is a 1.5 A monolithic dc-dc converter
03-May-2011
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
The L4973 family is a 3.5 A monolithic DC-DC converter
29-Apr-2009
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
1ch DC/DC boost converter
August, 2013
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
SHOUDING Shouding Semic...
SD6303 SHOUDING-SD6303 Datasheet
517Kb / 13P
PFM boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com