Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 37Page - STMicroelectronics AN3392 Datasheet HTML 38Page - STMicroelectronics AN3392 Datasheet HTML 39Page - STMicroelectronics AN3392 Datasheet HTML 40Page - STMicroelectronics AN3392 Datasheet HTML 41Page - STMicroelectronics AN3392 Datasheet HTML 42Page - STMicroelectronics AN3392 Datasheet HTML 43Page - STMicroelectronics AN3392 Datasheet HTML 44Page - STMicroelectronics AN3392 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
AN3392
STEVAL-ISV009V1 application diagram
Doc ID 018749 Rev 1
41/57
Appendix A
STEVAL-ISV009V1 application diagram
The following figure shows how to connect the STEVAL-ISV009V1 to a photovoltaic panel.
Figure 27.
STEVAL-ISV009V1 application schematic
It is possible to utilize a PV string by connecting the output stages of the SPV1020 in series
to guarantee the voltage level required by the specific application.
Maximum voltage for the STEVAL-ISV009v1 is 36 V, according to R3/R4 partitioning.
For example, if the application requires 400 V (Vout_tot) then the minimum number of
STEVAL-ISV009V1 to be connected in series (Ns_min) is:
Equation 27
In order to guarantee the performance of the whole PV string (e.g. in the case of shaded
panels), a minimum redundancy (10%) on Ns_min is suggested.
Furthermore, considering that the SPV1020 is a voltage boost converter, it is required that
the maximum input voltage (Vo of each PV panel) must be lower than its output voltage. So
the maximum number of devices in series is also limited by the following rule:
Equation 28
Ns
_min
V
out_tot
V
out_max
-----------------------
400
36
----------
12
==
≥
Ns_max
V
out_tot
V
oc
-------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com