Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 28Page - STMicroelectronics AN3392 Datasheet HTML 29Page - STMicroelectronics AN3392 Datasheet HTML 30Page - STMicroelectronics AN3392 Datasheet HTML 31Page - STMicroelectronics AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics AN3392 Datasheet HTML 35Page - STMicroelectronics AN3392 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
External component selection
AN3392
32/57
Doc ID 018749 Rev 1
Low ESR capacitors are a good choice to increase the entire system efficiency.
10.4
Internal voltage rail capacitors
C7 is a tank capacitor used to guarantee the voltage level (5 V) of the internal SPV1020
voltage regulator.
The suggested value is 470 nF and is not application dependent.
The voltage range is the same as for the boost capacitors. Maximum voltage must be higher
than 5 V.
Low ESR capacitors are recommended in order to increase the entire system efficiency.
10.5
Input voltage capacitors
C5 is the input capacitance added at the input to reduce the voltage ripple.
The maximum voltage of this capacitor is dependent upon the input source (typically
between 25 V and 50 V).
Low-ESR capacitors are recommended in order to increase the whole system efficiency.
Suggested minimum input capacitance is 2 µF.
In order to reduce the ESR effect, it is suggested to split the input capacitance into 2
capacitors connected in parallel.
Another capacitor (C11) is connected to the supply input pin of the SPV1020 (Vin). Its role is
to stabilize the voltage as much as possible on this pin which may be affected by the ripple
of the PV panel voltage.
Considering the maximum current (Isc) provided by the PV panel connected at the input, the
following formula can be used to select the proper capacitance value (Cin) for a specified
maximum input voltage ripple (Vin_rp_max):
Equation 14
10.6
Input voltage partitioning
The input voltage must be scaled to the reference voltage (1.25 V) of the ADC integrated in
the SPV1020.
R1 and R2 are the 2 resistors used for partitioning the input voltage.
When the the open circuit voltage (Voc) of the PV panel is known, the said R1 and R2 must
be selected according to the following rule:
Equation 15
Cin
I
sc
V
in_rp_max
F
sw
⋅
-------------------------------------------
≥
R1
R2
--------
V
oc
1.25
-----------
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com