Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 29Page - STMicroelectronics AN3392 Datasheet HTML 30Page - STMicroelectronics AN3392 Datasheet HTML 31Page - STMicroelectronics AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics AN3392 Datasheet HTML 35Page - STMicroelectronics AN3392 Datasheet HTML 36Page - STMicroelectronics AN3392 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
AN3392
External component selection
Doc ID 018749 Rev 1
33/57
In order to optimize the efficiency of the entire system, the selection of R1 and R2, should
take their power dissipation into account.
Assuming negligible the current flowing through pin VIN_SNS, maximum power dissipation
of the series R1+R2 is:
Equation 16
Empirically, R1 and R2 should be selected according to:
Equation 17
Note:
In order to guarantee the proper functionality of pin VIN_SNS, current flowing in the series
R1+R2 should be in the range between 20 µA and 200 µA.
10.7
Input voltage sensing capacitor
C9 is placed in parallel with R2 and as close as possible to pin VIN_SNS.
Its role is to stabilize as much as possible the voltage sensed by pin VIN_SNS.
Critical parameters for the capacitor are: capacitance, maximum voltage, and ESR.
Maximum voltage: if R1 and R2 have been properly chosen, to partition Vin to 1.25 V, then
the maximum voltage of this capacitor can be in the range from 3.3 V or higher.
The capacitance value depends on the time constant (
τ
in) composed with R1+R2 (τin=
C6*R1//R2) and by the system switching frequency (FSSW = 4*FSW).
Assuming R1 >> R2 (so, R1//R2 ~= R2):
Equation 18
so,
Equation 19
Note:
Even if the SPV1020 controls each phase at FSW (by default 100 kHz), the system switching
frequency (FSSW) is four times the single-phase switching frequency (by default 400 kHz).
10.8
Output voltage capacitors
A minimum output capacitance must be added at the output, in order to reduce the voltage
ripple.
P
vin_sns
Voc
()
R1
R2
+
----------------------
2
=
P
vin_sns
1% V
in_max
I
in_max
⋅
()
«
τ
in
10
1
F
ssw
------------
⋅
≅
C9
10
1
F
ssw
------------
1
R2
--------
⋅⋅
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com