Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 26Page - STMicroelectronics AN3392 Datasheet HTML 27Page - STMicroelectronics AN3392 Datasheet HTML 28Page - STMicroelectronics AN3392 Datasheet HTML 29Page - STMicroelectronics AN3392 Datasheet HTML 30Page - STMicroelectronics AN3392 Datasheet HTML 31Page - STMicroelectronics AN3392 Datasheet HTML 32Page - STMicroelectronics AN3392 Datasheet HTML 33Page - STMicroelectronics AN3392 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
External component selection
AN3392
30/57
Doc ID 018749 Rev 1
10.1
Power and thermal considerations
The SPV1020 performance is strongly impacted by the power capability of the PowerSSO-
36 package, as well as the application board. According to the technical note TN0054,
RTH(j-a) of the PowerSSO-36 can be decreased to 10 °C/W if the package is soldered onto a
“2s2p” multi-layer board with thermal vias and a metal plate for an external heatsink.
Starting from this value, it is possible to calculate the PMAX.
Equation 6
Equation 7
The SPV1020 efficiency (
η) is ≥ 98%; the thermal shutdown threshold is 140 °C;
typical ambient temperature (TAMB) for a photovoltaic application is 85 °C.
Calculating maximum power dissipation Pd:
Equation 8
Equation 9
If the package is soldered onto a “2s2p” multi-layer board with thermal vias, the RTH(j-a) is
20 °C/W and then PMAX is 138 W. (PCB with 4 layers: 2 soldered layers, top and bottom,
and 2 power layers (inner layers for power dissipation).
10.2
Inductor selection
Inductor selection is a critical element for this application.
Inductor selection must take into account the following application conditions:
●
Maximum input current (i.e. Imp and Isc of the PV panel)
●
Maximum input voltage (i.e. Vmp and Voc of the panel)
●
Overcurrent threshold of the SPV1020
●
Maximum duty cycle, according to maximum output voltage
Input current from the PV panel is split between the 4 inductors of each branch, so:
Equation 10
T
J
T
AMB
R
TH j
a
–
()
P
D
⋅
+
=
P
D
1
η
–
() P
MAX
⋅
=
P
D
T
J TAMB
–
R
TH j
a
–
()
------------------------
5.5W
=
=
P
MAX
P
D
1
η
–
()
----------------
275W
=
=
I
Lx rms
()
I
mp
4
--------
I
sc
4
------
<
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com