Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 18Page - STMicroelectronics AN3392 Datasheet HTML 19Page - STMicroelectronics AN3392 Datasheet HTML 20Page - STMicroelectronics AN3392 Datasheet HTML 21Page - STMicroelectronics AN3392 Datasheet HTML 22Page - STMicroelectronics AN3392 Datasheet HTML 23Page - STMicroelectronics AN3392 Datasheet HTML 24Page - STMicroelectronics AN3392 Datasheet HTML 25Page - STMicroelectronics AN3392 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Voltage regulation
AN3392
22/57
Doc ID 018749 Rev 1
7
Voltage regulation
In order to protect both the device itself and the load, the SPV1020 implements a dual
control of the output voltage (VOUT).
Control of VOUT is done through the VOUT_SNS pin, connected to VOUT by a resistive divider
(see Section 10 for resistance values). The control consists of comparing VOUT_SNS with
two internal thresholds:
1.
1.00 V, for voltage regulation
2.
1.04 V, for overvoltage protection.
When VOUT_SNS increases up to 1 V, the output feedback loop enters regulation, limiting the
output voltage. Regulation is achieved by creating an upper limit for the DC generated by the
MPPT algorithm.
The stability of the loop must be externally compensated by connecting a resistor and a
capacitor (pole-zero combination) between the PZ_OUT pin and SGND pin (see Section 10
for values).
7.1
Overvoltage protection
If the VOUT_SNS exceeds 1.04 V, a fault signal is generated and transmitted to the fault
controller which stops the drivers and produces a fault, setting the bit OVV in the status
register. This information is accessible through the SPI interface by the Read Status
command (op code 0x07). When VOUT_SNS drops back down to 1.04 V the DC-DC
converter is switched ON again and the converter restarts the MPP search from the
minimum duty cycle (5 %).
7.2
Overcurrent protection
To guarantee the safety of the entire application, the SPV1020 implements an overcurrent
protection on the low-side power switches. In fact, when Lx is accidentally shorted to Vin or
VOUT, or when the current flowing through the inductor exceeds the peak current limit
(4.5 A), the related low-side power switch is immediately turned OFF and the linked
synchronous rectifier is enabled to turn on. The low-side power switch is turned on again at
the next PWM cycle.
In the case of overcurrent on branch x [x = 1..4], the related OVC bit of the status register is
set. This information is accessible through the SPI interface by the Read Status command
(op code 0x07).
7.3
Current balance
Different parasitic resistances between the four branches of the IL-4 architecture can be the
root cause of unbalanced current flow between the four branches. This should be avoided
as it may result in lower efficiency or damage to external components (inductors) and/or the
SPV1020.
It is recommended that the four branches in the PCB layout have symmetrical paths and the
inductors be matching or from the same production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com