Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 42Page - STMicroelectronics AN3392 Datasheet HTML 43Page - STMicroelectronics AN3392 Datasheet HTML 44Page - STMicroelectronics AN3392 Datasheet HTML 45Page - STMicroelectronics AN3392 Datasheet HTML 46Page - STMicroelectronics AN3392 Datasheet HTML 47Page - STMicroelectronics AN3392 Datasheet HTML 48Page - STMicroelectronics AN3392 Datasheet HTML 49Page - STMicroelectronics AN3392 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
SPV1020 parallel and series connection
AN3392
46/57
Doc ID 018749 Rev 1
Two of the SPV1020s (1st and 3rd) supply most of the voltage drop due to the lower
irradiation on panel 2.
Note:
The SPV1020 is a boost controller, so Voutx must be higher than Vinx, otherwise the
SPV1020 turns off and the input power is transferred to the output stage through the bypass
diode D1 (refer to the schematic in Figure 24).
Example 2:
Panel 2 has 25% more irradiation than panels 1 and 3:
In this case the system is at its limit. A lower irradiation on panel 2 impacts Vout1 and/or
Vout3 which are already delivering as much voltage as possible (40 V), imposed by R3/R4
partitioning.
Example 3:
Panel 2 completely shaded.
In this case the maximum VOUT can be 80 V (Vout1+Vout3).
Diode D2 (refer to schematic in Figure 24) across the 2nd SPV1020 allows Iout to flow.
Iout
Pout
Vout
-------------
82.5
90
-----------
0.92A
==
=
Vout1
Vout3
30
0.92
-----------
32.6V
==
=
Vout2
22.5
0.92
-----------
24.45V
==
Vout2
1
4
---
Vout1
1
4
---
Vout3
⋅
=
⋅
=
Pout1
Pout2
30
==
Pout2
1
4
---Pin1
7.5W
==
Pout
Pout1
Pout2
Pout3
67.5W
=
++
=
Iout
Pout
Vout
-------------
67.5
90
-----------
0.75A
==
=
Vout1
Vout3
30
0.75
-----------
40V
==
=
Vout2
7.5
0.75
-----------
10V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com