Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 44Page - STMicroelectronics AN3392 Datasheet HTML 45Page - STMicroelectronics AN3392 Datasheet HTML 46Page - STMicroelectronics AN3392 Datasheet HTML 47Page - STMicroelectronics AN3392 Datasheet HTML 48Page - STMicroelectronics AN3392 Datasheet HTML 49Page - STMicroelectronics AN3392 Datasheet HTML 50Page - STMicroelectronics AN3392 Datasheet HTML 51Page - STMicroelectronics AN3392 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
AN3392
48/57
Doc ID 018749 Rev 1
Figure 31.
Power efficiency vs. output voltage
The following figure (Figure 32) shows the power convention when @VMPP = 24 V and IMPP
ranges from 1 A to 8 A (step 1A), so P ranges between 24 W and 192 W. The minimum
efficiency at P=192 W is 97.5 %.
Figure 32.
Power efficiency vs. output voltage
The following figure (Figure 33) shows the power conversion when @VMPP =30 V and IMPP
ranges from 1 A to 8 A (step 1 A), so P ranges between 30 W and 240 W. The minimum
efficiency at @P=240 W is 98 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com