Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 12Page - STMicroelectronics AN3392 Datasheet HTML 13Page - STMicroelectronics AN3392 Datasheet HTML 14Page - STMicroelectronics AN3392 Datasheet HTML 15Page - STMicroelectronics AN3392 Datasheet HTML 16Page - STMicroelectronics AN3392 Datasheet HTML 17Page - STMicroelectronics AN3392 Datasheet HTML 18Page - STMicroelectronics AN3392 Datasheet HTML 19Page - STMicroelectronics AN3392 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
SPV1020 functions
AN3392
16/57
Doc ID 018749 Rev 1
6.3
Burst mode
This mode guarantees a correct startup for the SPV1020, avoiding voltage oscillations. After
the input voltage is applied, the converter begins operation when the input voltage exceeds
6.5 V (ULVO_H).
Burst mode contains four internal states, which guarantee to gradually activate phase “1”
and sequentially the four phases. Figure 13 shows the FSM of burst mode (the grey circles
are the burst mode states).
Each phase is driven with a set of 10 “pulses”. Each pulse can be “ON”, driving the phase
with a signal at a minimum PWM duty cycle of 5%, or “OFF”, with the driving signal
completely low.
When activated, a phase is driven with 1 pulse “ON” and 9 pulses “OFF”. The number of
“ON” pulses can be increased up to 10 (in this case, another phase is activated), or
decreased down to 0 (the phase is always OFF).
An increase or decrease of “ON” pulses depends on the status of the ULVO signal that
checks if the input voltage is greater than the minimum threshold or not.
Figure 13.
Burst mode FSM
When all four phases are active, the system enters normal (or MPPT) mode.
6.4
Normal/MPPT mode
This mode guarantees the maximum power extraction from a photovoltaic input supply by
executing an MPPT algorithm.
The MPPT algorithm generates a voltage reference (Vref) for a PWM generator. The
resulting waveform, with a duty cycle (DC) proportional to Vref, drives the eight internal
switching elements.
Only Phase “1” is active
•n pulses @DC=5%
• (10-n) pulses @DC=0%
[UVLO is ON]
OFF State
[UVLO is OFF]
[UVLO is ON]
[Check UVLO]
[n = 1]
If UVLO is ON [n = n+1]
else [n = n -1]
[UVLO is OFF]
&
[n is 1]
[UVLO is ON]
& [n is 10]
Phases 1 & 3 active
@DC=5%
Phases 1, 3 & 2 active
@DC=5%
Phases 1, 3, 2 & 4 active
@DC=5%
Normal
Mode
[UVLO is OFF]
[UVLO is ON]
[UVLO is OFF]
[UVLO is ON]
[UVLO is OFF]
AM02600v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com