Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3392 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3392
Description  The SPV1020 is a monolithic DC-DC boost converter designed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3392 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3392 Datasheet HTML 19Page - STMicroelectronics AN3392 Datasheet HTML 20Page - STMicroelectronics AN3392 Datasheet HTML 21Page - STMicroelectronics AN3392 Datasheet HTML 22Page - STMicroelectronics AN3392 Datasheet HTML 23Page - STMicroelectronics AN3392 Datasheet HTML 24Page - STMicroelectronics AN3392 Datasheet HTML 25Page - STMicroelectronics AN3392 Datasheet HTML 26Page - STMicroelectronics AN3392 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
AN3392
Voltage regulation
Doc ID 018749 Rev 1
23/57
The SPV1020 implements an internal control guaranteeing the current balance between the
four branches, monitoring the current flowing on each branch with a maximum variation of
350 mA.
7.4
SPI serial peripheral interface
The SPV1020 implements a 4-pin compatible SPI interface. The SPI allows full duplex,
synchronous, serial communication between a host controller (the master) and the
SPV1020 peripheral device (the slave). The SPV1020 provides the following 4 pins:
●
XCS (or SS)
●
SPI_CLOCK (or SCLK)
●
SPI_DATA_IN (or MOSI)
●
SPI_DATA_OUT (or MISO).
Figure 21.
SPI interface: master/slaves connection example
The SPI master selects one of the slaves, provides the synchronizing clock and starts the
communication. The idle state of the serial clock for the SPV1020 is high, while data pins
are driven on the falling edges of the serial clock and are sampled on its rising edges (SPI
control bits CPOL = 1, and CPHA = 1). The bit order of each byte is MSB first.
When the master initiates a transmission, a data byte is shifted out through the MOSI pin to
the slave, while another data byte is shifted out through the MISO pin to the master; the
master controls the serial clock on the SCLK pin. The SS (active low) pin must be driven low
by the master during each transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com