Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 155 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 151Page - STMicroelectronics RM0319 Datasheet HTML 152Page - STMicroelectronics RM0319 Datasheet HTML 153Page - STMicroelectronics RM0319 Datasheet HTML 154Page - STMicroelectronics RM0319 Datasheet HTML 155Page - STMicroelectronics RM0319 Datasheet HTML 156Page - STMicroelectronics RM0319 Datasheet HTML 157Page - STMicroelectronics RM0319 Datasheet HTML 158Page - STMicroelectronics RM0319 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 368 page
background image
RM0319
Fast Ethernet ports (RMII0/RMII1/MII1)
Doc ID 022640 Rev 3
155/368
13.2
Main features
●
Compatible with IEEE Standard 802.3
●
UNH tested
●
10 and 100 Mbit/s operation
●
Full and half duplex operation
●
Statistics counter registers for RMON/MIB
●
MII/RMII interface to the physical layer
●
Interrupt generation to signal receive and transmit completion
●
Transmit and receive FIFOs having a depth of 8 each
●
Automatic pad and CRC generation on transmitted frames
●
Automatic discard of frames received with errors
●
Address checking logic supports up to four specific 48 bit addresses
●
Supports promiscuous mode where all valid received frames are copied to memory
●
Hash matching of unicast and multicast destination addresses
●
External address matching of received frames
●
Physical layer management through MDIO interface
●
Supports serial network interface operation
●
Half duplex flow control by forcing collisions on incoming frames
●
Full duplex flow control with recognition of incoming pause frames and hardware
generation of transmitted pause frames
●
Support for 802.1Q VLAN tagging with recognition of incoming VLAN and priority
tagged frames
●
Multiple buffers per receive and transmit frame
●
Wake on LAN support
●
Jumbo frames of up to 10240 bytes supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com