Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 151 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 147Page - STMicroelectronics RM0319 Datasheet HTML 148Page - STMicroelectronics RM0319 Datasheet HTML 149Page - STMicroelectronics RM0319 Datasheet HTML 150Page - STMicroelectronics RM0319 Datasheet HTML 151Page - STMicroelectronics RM0319 Datasheet HTML 152Page - STMicroelectronics RM0319 Datasheet HTML 153Page - STMicroelectronics RM0319 Datasheet HTML 154Page - STMicroelectronics RM0319 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 368 page
background image
RM0319
Fast Ethernet port (MII0)
Doc ID 022640 Rev 3
151/368
12.4
Clocks
The clocking scheme for the MAC-AHB is shown in Figure 48. The MAC-AHB uses three
clock inputs for normal operation with the MII interface:
●
One clock (clk_tx_i) for transmission functions
●
One clock (clk_rx_i) for reception functions
●
One application clock (hclk_i)
All clocks except for the application clock are generated from an external PHY. The
application clock is used for the control interface of the MAC-AHB. The transmit clock
clk_tx_i is used for the transmission function of the MAC-AHB. Similarly, the receive clock
clk_rx_i is used for the receive function of the MAC-AHB. The transfer of data from/to the
application clock domain to the transmit and receive clock domains is performed in the MTL
module.
The clk_tx_ i clock gets input from an external PHY (MII mode).
The external PHY outputs a 25 MHz or 2.5 MHz transmit clock on MII_CLK when it operates
at 100 Mbps or 10 Mbps, respectively. The frequency of clock clk_rx_i is the same as for
receive clock MII_RX_CLK generated by the external PHY. The PHY outputs a 25 MHz or
2.5 MHz receive clock on MII_RX_CLK when it operates at 100 Mbps, or 10 Mbps,
respectively.
[13]
Reserved
-
[12:00] RBS1
Receive Buffer 1 Size. This 13-bit field reports the size (in bytes) of the first
data buffer.
Note: The RBS1 value must be a multiple of 4/8/16 depending on the bus
width otherwise the resulting behaviour is undefined.
Note: If RBS1 value is 13'h0, then the DMA ignores this buffer and uses the
2nd buffer or next descriptor (depending on RCH bit value).
Table 50.
Receive descriptor 2 (RDES2)
Bit
Name
Description
[31:00]
Buffer 1 Address
Pointer
This field indicates the physical address of the 1st data buffer pointed to
by this descriptor.
Table 51.
Receive descriptor 3 (RDES3)
Bit
Name
Description
[31:00]
Buffer 2 Address
Pointer
(Next Descriptor
Address)
This field indicates the physical address of the 2nd data buffer pointed
to by this descriptor, if descriptor chaining is used.
If RDES1[24] bit is set, then this field contains the pointer to the
physical memory when the next descriptor is present.
Table 49.
Receive descriptor 1 (RDES1) (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com