Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 147 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 143Page - STMicroelectronics RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics RM0319 Datasheet HTML 147Page - STMicroelectronics RM0319 Datasheet HTML 148Page - STMicroelectronics RM0319 Datasheet HTML 149Page - STMicroelectronics RM0319 Datasheet HTML 150Page - STMicroelectronics RM0319 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 368 page
background image
RM0319
Fast Ethernet port (MII0)
Doc ID 022640 Rev 3
147/368
[20]
TCH
When set, this bit indicates that the second address in the descriptor is the
Next Descriptor address rather than the second buffer address. When
TDES0[20] is set, TBS2 (TDES1[28:16]) is a "don't care" value.
TDES0[21] takes precedence over TDES0[20].
[19:18]
Reserved
-
[17]
TTSS
Transmit Time Stamp Status. This field is used as a status bit to indicated
that a time stamp was captured for the described transmit frame. When this
bit is set, TDES2 and TDES3 have a time stamp value captured for the
transmit frame. This field is only valid when the descriptor’s Last Segment
Control bit (TDES0[29]) is set.
[16]
IHE
IP Header Error. When set, this bit indicates that the MAC transmitter
detected an error in the IP datagram header. The transmitter checks the
header length in the IPv4 packet against the number of header bytes
received from the application and indicates an error status if there is a
mismatch. For IPV6 frames, a header error is reported if the main header
length is not 40 bytes. Furthermore, the Ethernet Length/Type field value for
an IPv4 or IPv6 frame must match the IP header version received with the
packet. For IP4 frames, an error status is also indicated if the Header Length
field has a value less than 0x5.
[15]
ES
Error Summary. It is the logical OR of the following bits of this descriptor. [1],
[2], [8], [9], [10], [11], [13] and [14].
[14]
JT
Jabber Timeout. If set, it indicates that the MAC transmitter has experienced
a jabber timeout.
[13]
FF
Frame Flushed. If set, it indicates that the DMA flushed the frame due to a
software flush command given by the CPU.
[12]
IPE
IP Payload Error When set, this bit indicates that MAC transmitter detected
[11]
LC
Loss of Carrier. If set, it indicates that loss of carrier occured during frame
transmission. This is valid only for the frames transmitted without collision
when the MAC operates in Half-Duplex mode.
[10]
NC
No Carrier. If set, it indicates that the carrier sense signal
[09]
LC
Late Collision. If set, it indicates that the frame transmission was aborted due
to a collision after the collision window. This bit is not valid if the UnderFlow
Error bit is set.
[08]
EC
Excessive Collision. If set, it indicates that the frame transmission was
aborted after 16 successive collisions while attempting to transmit the
current frame.
Note: if the DR (Disable Retry) bit in the MAC Configuration register
(Register 0) is set, the EC bit is set after the first collision and the
transmission is aborted.
[07]
VF
VLAN Frame. If set, it indicates that the transmitted frame was a VLAN-type
frame.
[06:03]
CC
Collision Count. This 4 bit counter value reports the number of collisions
occuring before the frame was transmitted.
Note: The count is not valid when the EC bit (TDES0[8]) is set.
Table 44.
Transmit descriptor 0 (TDES0) (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com