Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 148 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics RM0319 Datasheet HTML 147Page - STMicroelectronics RM0319 Datasheet HTML 148Page - STMicroelectronics RM0319 Datasheet HTML 149Page - STMicroelectronics RM0319 Datasheet HTML 150Page - STMicroelectronics RM0319 Datasheet HTML 151Page - STMicroelectronics RM0319 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 368 page
background image
Fast Ethernet port (MII0)
RM0319
148/368
Doc ID 022640 Rev 3
[02]
ED
Excessive Deferral. If set, it indicates that the transmission has ended
because of excessive deferral of over 24288 bit times (155680 bit times in
Jumbo Frame Enabled Mode), if the DC (Deferral Check) bit in the MAC
Configuration register (Register 0) is set.
[01]
UF
Underflow Error. If set, it indicates that the transmission has ended because
data arrived late from the host memory. This means that DMA encountered
an empty Transmit Buffer while transmitting the frame.
[00]
DB
Deferred Bit. If set, it indicates that the MAC defers before transmission
because of the presence of carrier. Valid in half-duplex mode only.
Table 45.
Transmit descriptor 1 (TEDS1)
Bit
Name
Description
[31:29]
Reserved
-
[28:16]
TBS2
Transmit Buffer 2 Size. These 13 bit field reports the size (in bytes) of the
second data buffer.
Note: This field is not valid if TDES0[20] is set.
[15:13]
Reserved
-
[12:00]
TBS1
Transmit Buffer 1 Size. These 13 bit field reports the size (in bytes) of the first
data buffer.
Note: If TBS1 value is 13h’0, then the DMA ignores this buffer and uses the
2nd buffer or next descriptor (depending on TCH bit value).
Table 46.
Transmit descriptor 2 (TDES2)
Bit
Name
Description
[31:00]
Buffer 1
Address
Pointer
This field indicates the physical address of the 1st data buffer
pointed to by this descriptor.
Table 47.
Transmit descriptor 3 (TDES3)
Bit
Name
Description
[31:00]
Buffer 2
Address
Pointer
This field indicates the physical address of the 2nd data buffer pointed to
by this descriptor, if descriptor chaining is used.
If TDES1[24] bit is set, then this field contains the pointer to the physical
memory when the next descriptor is present.
Table 44.
Transmit descriptor 0 (TDES0) (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com