Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 146 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 142Page - STMicroelectronics RM0319 Datasheet HTML 143Page - STMicroelectronics RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics RM0319 Datasheet HTML 147Page - STMicroelectronics RM0319 Datasheet HTML 148Page - STMicroelectronics RM0319 Datasheet HTML 149Page - STMicroelectronics RM0319 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 368 page
background image
Fast Ethernet port (MII0)
RM0319
146/368
Doc ID 022640 Rev 3
Figure 46.
DMA descriptor format (Transmit Descriptor, 32 bit)
Table 44.
Transmit descriptor 0 (TDES0)
Bit
Name
Description
[31]
OWN
Own Bit. If set, indicates that the descriptor is owned by the DMA of MAC. If
cleared, the descriptor is owned by the host.
[30]
IC
Interrupt on Completion. Setting this bit, the TI bit of the Status register (DMA
Register5) is set after the present frame has been transmitted.
[29]
LS
Last Segment. If set, it indicates that the buffer contains the last segment of
the frame.
[28]
FS
First Segment. If set, it indicates that the buffer contains the first segment of
the frame.
[27]
DC
Disable CRC. Setting this bit, the MAC does not automatically add padding
to a framer shorter than 64 bytes.
[26]
DP
Disable Padding. Setting this bit, the MAC does not automatically add
padding to a frame shorter than 64 bytes.
If cleared, the DMA automatically adds padding and CRC to a frame shorter
that 64 bytes and the CRC field is added despite the state if the DC bit
(TDES0[27]). Valid only if (TDES0[28]) is set.
[25]
TTSE
Reserved
[24]
Reserved
-
[23:22]
CIC
Checksum Insertion Control. These bits control the checksum calculation
and insertion. Bit encodings are as shown below.
2’b00: Checksum Insertion Disabled.
2’b01: Only IP header checksum calculation and insertion are enabled.
2’b10: IP Header checksum and payload checksum calculation and insertion
are enabled, but pseudo-header checksum is calculated in hardware.
2’b11: IP Header checksum and payload checksum calculation and insertion
are enabled, and pseudo-header checksum is calculated in hardware.
[21]
TER
Transmit End of Ring. If set, it indicates that the descriptor list reached its
final descriptor. The DMA returns to the base address of the list, creating a
descriptor ring structure.
O
W
N
TDES0
TDES1
TDES2
TDES3
Ctrl
[30:26]
Reserved
[25:24]
Ctrl
[23:20]
Reserved
[19:17]
Status [16:0]
Reserved
[31:29]
Buffer 2 Byte Count
[28:16]
Reserved
[15:13]
Buffer 1 Byte Count
[12:0]
Buffer 1 Address [31:0]
Buffer 2 Address [31:0] or Next Descriptor Address [31:0]
0
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com