Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 145 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 141Page - STMicroelectronics RM0319 Datasheet HTML 142Page - STMicroelectronics RM0319 Datasheet HTML 143Page - STMicroelectronics RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics RM0319 Datasheet HTML 146Page - STMicroelectronics RM0319 Datasheet HTML 147Page - STMicroelectronics RM0319 Datasheet HTML 148Page - STMicroelectronics RM0319 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 368 page
background image
RM0319
Fast Ethernet port (MII0)
Doc ID 022640 Rev 3
145/368
Figure 45.
DMA descriptor list: ring structure (left) and chain structure (right).
Note:
The descriptor addresses must be aligned to the bus-width used (32/64/128 bit buses).
Transmit descriptors
As shown in Figure 46, there are four different transmit descriptors:
●
Transmit Descriptor 0, TDES0 (Table 44): it contains the status of the transmitted frame
and the descriptor ownership information along with control bits for controlling the
descriptor structure and the frame being transferred.
●
Transmit Descriptor 1, TDES1 (Table 45): it contains the data buffer sizes.
●
Transmit Descriptor 2, TDES2 (Table 46): it contains the address pointer to the first
data buffer in the descriptor.
●
Transmit Descriptor 3, TDES3 (Table 47): it contains the address pointer to the second
data buffer in the descriptor or the next descriptor (in case of chained structure).
Buffer 1
Descriptor 0
Descriptor 1
Descriptor 2
Descriptor n
Buffer 2
Buffer 1
Buffer 1
Buffer 1
Buffer 2
Buffer 2
Buffer 2
Buffer 1
Buffer 1
Buffer 1
Descriptor 0
Descriptor 1
Descriptor 2
Next Descriptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com