Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 141 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 137Page - STMicroelectronics RM0319 Datasheet HTML 138Page - STMicroelectronics RM0319 Datasheet HTML 139Page - STMicroelectronics RM0319 Datasheet HTML 140Page - STMicroelectronics RM0319 Datasheet HTML 141Page - STMicroelectronics RM0319 Datasheet HTML 142Page - STMicroelectronics RM0319 Datasheet HTML 143Page - STMicroelectronics RM0319 Datasheet HTML 144Page - STMicroelectronics RM0319 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 368 page
background image
RM0319
Fast Ethernet port (MII0)
Doc ID 022640 Rev 3
141/368
12
Fast Ethernet port (MII0)
This chapter focuses on MII0 functionality and operation.
For technical details about the programmable registers related to the MII, refer to the MII
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
12.1
Overview
The MII0 controller is an Ethernet MAC 10/100 able to transmit and receive data over
Ethernet in compliance with the IEEE 802.3-2002 standard.
MII0 is configured to offer an AHB-interfaced native DMA (also referred as MAC-AHB) over
a MAC core. The MAC-AHB allows data transfer by DMA with system memory through the
AHB interface.
12.2
Main features
●
Supports the default Media Independent Interface (MII) defined in the IEEE 802.3
specifications.
●
Supports 10/100 Mbps data transfer rates with the PHY interfaces above.
●
Supports both half-duplex and full-duplex operation. In half-duplex operation,
CSMA/CD protocol is provided.
●
Programmable frame length to support both standard and Jumbo Ethernet frames with
size up to 16 Kbytes
●
A variety of flexible address filtering modes supported
●
A set of control and status registers (CSRs) to control MAC Core operation
●
Complete network statistics with RMON Counters (MMC, MAC Management Counters)
MAC-AHB main features
●
DMA implements dual-buffer (ring) or linked-list (chained) descriptor chaining.
●
A set of CSRs to control DMA operation
●
An AHB slave acting as programming interface to access all CSRs, for both DMA and
MAC Core subsystems
●
An AHB master for data transfer to system memory
●
It support both big-endian and little-endian
●
Power management module (PMT) with remote wake-up and magic packet frame
processing options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com