Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 139 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 135Page - STMicroelectronics RM0319 Datasheet HTML 136Page - STMicroelectronics RM0319 Datasheet HTML 137Page - STMicroelectronics RM0319 Datasheet HTML 138Page - STMicroelectronics RM0319 Datasheet HTML 139Page - STMicroelectronics RM0319 Datasheet HTML 140Page - STMicroelectronics RM0319 Datasheet HTML 141Page - STMicroelectronics RM0319 Datasheet HTML 142Page - STMicroelectronics RM0319 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
139/368
clean packet overwrites the previous corrupted one. This conceals the USB error from the
application.
Burst split enable
When burst split is enabled, all AHB transfers (from the DMA to system memory and from
system memory to the TxFIFO) are splitted into bursts of a specified length.
The burst split is enabled by setting to 1‘b1 the BREN bit in the global CSRs’ Device control
register. Moreover, the burst length value is programmed by setting the BRLEN 8 bit in the
same device control register. As mentioned, this value indicates the number of 32 bit
transfers that should happen in a single burst.
Note:
When thresholding and burst splitting are both enabled, the threshold length (THLEN)
should be either greater than multiples of burst length (BRLEN) or equal to BRLEN.
11.4.7
USB plug detect
The USB plug detect block (UPD) allows to detect when a USB Host is either connected or
disconnected to the USB 2.0 device. This is done through the VBUS pad which is driven
high when the USB Host is attached. In particular, a plug interrupt is raised by the UPD
block when the USB Host is attached/detached. This interrupt is putted in OR with the
output of the Interrupt Manager block and the output of he OR logic goes to the VIC block.
Two 32 bit RW registers are associated to the UPD block, namely the plug status register
and the plug pending register, whose bit assignments are given in Table 42 and Table 43,
respectively. These registers can be accessed at the base address 0xE1200000
As soon as the USB Host is connected to the device, the VBUS signal goes high enabling
the UPD internal counter, which generates an interrupt 10 ms after the connection. The
software routine handling the interrupt reads as 1‘b1 the intpend field of the plug pending
register (Table 43), and as 1‘b1 the state field of the plug status register (Table 42): the USB
2.0 PHY reset is then released (phy_rst set to 1‘b0 in plug status register) and the USB 2.0
PHY is placed in normal mode (phy_mode set to 1‘b0 in plug status register).
In contrast, when the USB Host is detached, the VBUS signal goes low and after 10 ms an
interrupt is generated by the UPD block (intpend field set to 1‘b1 in plug pending register).
Then, the interrupt handler reads as 1‘b0 the state field of the plug status register, so the
reset is asserted (phy_rst set to 1‘b1 in Plug Status register) and the USB 2.0 PHY is placed
in non-driving state (phy_mode set to 1‘b1 in plug status register).
Table 42.
Plug status register bit assignments
Bit
Name
Reset value Description
[31:04]
Reserved
-
Read: undefined. Write: should be zero.
[03]
phy_mode
1’h1
USB PHY mode.
This bit allows to set the physical terminations of PHY,
according to encoding:
1‘b0 = Normal (UDC is allowed to drive the USB 2.0
PHY).
1‘b1 = Tri-state (the USB 2.0 PHY is in non-driving
mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com