Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 136 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 132Page - STMicroelectronics RM0319 Datasheet HTML 133Page - STMicroelectronics RM0319 Datasheet HTML 134Page - STMicroelectronics RM0319 Datasheet HTML 135Page - STMicroelectronics RM0319 Datasheet HTML 136Page - STMicroelectronics RM0319 Datasheet HTML 137Page - STMicroelectronics RM0319 Datasheet HTML 138Page - STMicroelectronics RM0319 Datasheet HTML 139Page - STMicroelectronics RM0319 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
136/368
Doc ID 022640 Rev 3
Figure 43.
In data memory
Table 40.
In data memory: buffer status quadlet bit assignments (for non-
isochronous IN)
Bit
Name
Description
[31:30]
BS
Buffer status.
This 2 bit field reports the status of the in buffer, according to encoding:
– 2’b00, Host ready. The descriptor is available to be processed by DMA.
– 2'b01, DMA busy. The DMA is still processing the descriptor.
– 2'b10, DMA done. Buffer data transfer completed by DMA.
– 2'b11, Host busy. The application is processing the descriptor.
[29:28]
Tx Sts
Transmit status.
This 2 bit field reports the status of the transmitted in data (according to
encoding), reflecting whether the in data has been correctly transmitted or
some errors occurred:
– 2'b00 = Success.
– 2'b01 = DESERR (descriptor transfer error).
– 2'b10 = Reserved.
– 2'b11 = BUFFER (data transfer error).
[27]
L
If set, it indicates that this descriptor is the last one of the chain.
[26:16]
Reserved
Read: undefined. Write: should be zero.
[15:00]
Tx Bytes
Number of bytes to be transmitted.
Its 16 bit width allows values ranging from 0 to 64 kbytes. for iso in
transactions, a maximum value of 16 kbytes is allowed by the 14 bit length
of the Tx bytes field.
Data Descriptor Pointer
IN Buffer Status Quadlet
Reserved
Buffer Pointer
Next Descriptor Pointer
Status Quadlet for
Non Iso-chronous IN
R
TxBytes
BS
Tx Sts
15:0
26:16
29:28
31:30
0
31
L
27
Status Quadlet for
Iso-chronous IN
Frame Number
TxBytes
BS
Tx Sts
13:0
26:16
29:28
31:30
L
27
PID
15:14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com