Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 134 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 130Page - STMicroelectronics RM0319 Datasheet HTML 131Page - STMicroelectronics RM0319 Datasheet HTML 132Page - STMicroelectronics RM0319 Datasheet HTML 133Page - STMicroelectronics RM0319 Datasheet HTML 134Page - STMicroelectronics RM0319 Datasheet HTML 135Page - STMicroelectronics RM0319 Datasheet HTML 136Page - STMicroelectronics RM0319 Datasheet HTML 137Page - STMicroelectronics RM0319 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
134/368
Doc ID 022640 Rev 3
Table 38.
Out data memory: buffer status quadlet bit assignments (for Non-
Isochronous OUT)
Bit
Name
Description
[31:30]
BS
Buffer status.
This 2 bit field reports the status of the out buffer, according to encoding:
– 2'b00 Host ready. = The descriptor is available to be processed by DMA.
– 2'b01 DMA busy. = The DMA is still processing the descriptor.
– 2'b10 DMA done. = Buffer data transfer completed by DMA.
– 2'b11 Host busy. = The application is processing the descriptor.
[29:28]
Rx Sts
Receive status.
This 2 bit field reports the status of the received out data (according to
encoding), reflecting whether the out data has been correctly received or
some errors occurred:
– 2'b00 = Success.
– 2'b01 = DESERR (descriptor transfer error).
– 2'b10 = Reserved.
– 2'b11 = BUFFER (data transfer error).
Note: In particular, a DESERR receive status indicates that the out buffer
status is something other than Host ready (that is, BS not equal to 2’b00)
during descriptor fetch.
[27]
L
If set, it indicates that this descriptor is the last one of the chain.
[26:16]
Reserved
(Non ISO)
Read: undefined. Write: should be zero.
[15:00]
Rx Bytes
(Non ISO)
Received number of bytes.
Its 16 bit width allows values ranging from 0 to 64 kbytes, depending on
the packet size of data received from the USB Host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com