Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 131 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 127Page - STMicroelectronics RM0319 Datasheet HTML 128Page - STMicroelectronics RM0319 Datasheet HTML 129Page - STMicroelectronics RM0319 Datasheet HTML 130Page - STMicroelectronics RM0319 Datasheet HTML 131Page - STMicroelectronics RM0319 Datasheet HTML 132Page - STMicroelectronics RM0319 Datasheet HTML 133Page - STMicroelectronics RM0319 Datasheet HTML 134Page - STMicroelectronics RM0319 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
131/368
Figure 40.
Out transaction flow in slave-only mode
High-bandwidth isochronous (ISO) transfers
In outcase of out packets (that is, coming from USB Host), the data PID received for a high-
bandwidth transaction is available in the Endpoint buffer size (in) and received packet frame
number register (out), specifically in the ISO PID field (bit [17:16]).
This 2 bit field indicates the data PID for the current packet available in the receive FIFO. For
example, if the USB Host sends three packets with a PID sequence of MDATA and DATA2,
when the application receives the interrupt for the first packet, the ISO PID field of the
register indicates an MDATA PID (2‘b11). After the application reads out the first two
maximum-size packets, this register will indicate DATA2 (2‘b10).
In case of in packets (that is, transmitted to the USB Host), the transfer is described by the
following example flow:
●
At first, write the initial data PID (bit [17:16]) in the endpoint buffer size in the Endpoint
buffer size and received packet frame number register. For example, to send three
packets in a microframe, write 2’b11 to the ISO PID field (in).
●
Write the data one maximum-size packet at a time. After writing one maximum-size
packet, perform a confirm cycle.
●
Wait for the UDC-AHB subsystem to send the iso in done interrupt, setting the iso in
done (bit [23]) field in the endpoint status register after the entire high-bandwidth
transaction is completed on the USB.
●
To change the packet number to be sent in the next microframe, the application can
now modify the iso pid (in) field in the endpoint buffer size in the Endpoint buffer size
and received packet frame number register.
RxFIFO
available?
Idle
OUT
Transaction
Write the OUT
Data in the
RxFIFO
Wait for Status
Status=Success
or ISO?
Yes
No
Got Status
Flush data
No
Yes
Confirm data &
Generate INTR
Send NAK
(for non-ISO)
Excess
read?
Idle
Read data from
RxFIFO
Transfer done
Yes
No
Assert error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com