Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 129 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 125Page - STMicroelectronics RM0319 Datasheet HTML 126Page - STMicroelectronics RM0319 Datasheet HTML 127Page - STMicroelectronics RM0319 Datasheet HTML 128Page - STMicroelectronics RM0319 Datasheet HTML 129Page - STMicroelectronics RM0319 Datasheet HTML 130Page - STMicroelectronics RM0319 Datasheet HTML 131Page - STMicroelectronics RM0319 Datasheet HTML 132Page - STMicroelectronics RM0319 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
129/368
In operation (Data transfer to USB Host)
If the UDC-AHB subsystem receives an in token from a USB Host for a non-isochronous
endpoint (such as, bulk, interrupt or control), it checks the associated TxFIFO (Endpoint
FIFO controller (Transmit FIFO controller) on page 122) for data availability. If data is
available, the UDC reads the data from the TxFIFO, otherwise if the TxFIFO does not
contain data, the UDC sends an interrupt to the application, and the USB Host retries the in
token.
Upon receiving the interrupt, at first the application reads the endpoint interrupt register to
determine which endpoint requested the interrupt, and then probes the endpoint status
register to determine the interrupt’s cause.
Once the application determines that an in token for the endpoint requested the interrupt, it
writes the packet directly to the address where the associated TxFIFO is mapped. As soon
as the packet data has been completely written into the FIFO, the application performs then
a single write to a predefined address (pointed by the write confirmation register, of the
relevant in endpoint) indicating to the subsystem that the packet transfer is done.
When the USB Host retries the in token, the subsystem provides the associated endpoint
TxFIFO data to the UDC for transmission to the USB Host. The sequence of these events
for a non-isochronous (interrupt, bulk, or control) endpoint is shown in Figure 39.
Note:
The application does not receive status update regarding the packet, because the
subsystem must transmit this data. However, the application may flush the packet from the
relevant TxFIFO by setting the F bit in the endpoint control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com