Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 132 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 128Page - STMicroelectronics RM0319 Datasheet HTML 129Page - STMicroelectronics RM0319 Datasheet HTML 130Page - STMicroelectronics RM0319 Datasheet HTML 131Page - STMicroelectronics RM0319 Datasheet HTML 132Page - STMicroelectronics RM0319 Datasheet HTML 133Page - STMicroelectronics RM0319 Datasheet HTML 134Page - STMicroelectronics RM0319 Datasheet HTML 135Page - STMicroelectronics RM0319 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
132/368
Doc ID 022640 Rev 3
11.4.5
Data memory structure in DMA mode
SETUP data memory structure
The memory structure for SETUP data is given in Figure 41. The 16-byte buffer consists of 4
fields of 32 bits each: the status quadlet (its bit assignments are given in Table 37), a
reserved one and the 2 last fields for the 8 bytes of SETUP data.
Figure 41.
SETUP data memory
Table 37.
SETUP data memory: status quadlet bit assignments
Bit
Name
Description
[31:30]
BS
Buffer status.
This 2 bit field reports the status of the SETUP data buffer, according to
encoding:
– 2‘b00 Host ready. = The descriptor is available to be processed by DMA.
– 2‘b01 DMA busy. = The DMA is still processing the descriptor.
– 2‘b10 DMA done. = Buffer data transfer completed by DMA.
– 2‘b11 Host busy. = The application is processing the descriptor.
[29:28]
Rx Sts
Receive status.
This 2 bit field reports the status of the received SETUP data (according to
encoding), reflecting whether the SETUP data has been correctly received or
some errors occurred:
– 2‘b00 = Success.
– 2‘b01 = DESERR (descriptor transfer error).
– 2‘b10 = Reserved.
– 2‘b11 = BUFFER (data transfer error).
[27:16]
Config Sts
Configuration status.
This 12 bit field echoes the status of the current configuration associated
with the SETUP packet for a control endpoint. Bits assignments for this field
are given:
– [27:24] = Configuration number.
– [23:20] = Interface number.
– [19:16] = Alternate setting number.
[15:00]
Reserved
Read: undefined. Write: should be zero.
Setup Buffer Pointer
Status Quadlet
Reserved
First 4 Bytes of Setup Data
Second 4 Bytes of Setup Data
Status Quadlet
Config Sts
R
BS
Rx Sts
15:0
27:16
29:28
31:30
0
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com