Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 127 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 123Page - STMicroelectronics RM0319 Datasheet HTML 124Page - STMicroelectronics RM0319 Datasheet HTML 125Page - STMicroelectronics RM0319 Datasheet HTML 126Page - STMicroelectronics RM0319 Datasheet HTML 127Page - STMicroelectronics RM0319 Datasheet HTML 128Page - STMicroelectronics RM0319 Datasheet HTML 129Page - STMicroelectronics RM0319 Datasheet HTML 130Page - STMicroelectronics RM0319 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 368 page
background image
RM0319
USB 2.0 Device ports (UDC)
Doc ID 022640 Rev 3
127/368
Figure 37.
In transaction flow in DMA mode
11.4.3
Out operation (Data transfer from USB Host)
In the out direction, as soon as the UDC-AHB subsystem receives an out (or SETUP) data
from the USB Host (that is, when a packet of data is completed or - if thresholding is enabled
- a threshold is reached), it transfers the data to the buffers allocated to the endpoint in
application memory. Once the data is transferred, the subsystem updates the status of the
received data to the buffer’s status quadlet.
SETUP data is transferred to a 16-byte SETUP buffer. The pointer for this buffer is indicated
in the Endpoint setup buffer pointer register). Out data is transferred to the buffers indicated
by the descriptor, and the pointer for these descriptors is programmed in the CSRs.
Note:
The SETUP data directly addresses the buffers, while regular out data addresses the out
data buffers indirectly.
The transaction flow for all out endpoints is similar. The only difference is that isochronous
(iso-out) data is tagged with the frame number when the packet is received.
The transaction flow of out data from the USB Host to the application memory is given in
Figure 38.
Data
available?
Idle
IN
Transaction
Read the
TxFIFO &Provide
IN data
Wait for Status
from USB host
Transfer done
Got ACK
Status?
Generate INTR
and NAK
No
No
Yes
Yes
Idle
Transfer data
From memory to
TxFIFO
TxFIFO
Availabe?
Packet
Completely
Transferred?
Service other IN
requests and
return when done
Update Descriptor
Status
Yes
No
Yes
No
Rewined
READ pointer
Poll demand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com