Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 124 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 120Page - STMicroelectronics RM0319 Datasheet HTML 121Page - STMicroelectronics RM0319 Datasheet HTML 122Page - STMicroelectronics RM0319 Datasheet HTML 123Page - STMicroelectronics RM0319 Datasheet HTML 124Page - STMicroelectronics RM0319 Datasheet HTML 125Page - STMicroelectronics RM0319 Datasheet HTML 126Page - STMicroelectronics RM0319 Datasheet HTML 127Page - STMicroelectronics RM0319 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 368 page
background image
USB 2.0 Device ports (UDC)
RM0319
124/368
Doc ID 022640 Rev 3
11.3.12
AHB interface
This block contains all the subsystem’s AHB protocol logic. In particular, the AHB interface
has two functional states where it is able to act:
●
As an AHB slave, when the application programs the CSRs of either the UDC-AHB
Subsystem or the UDC (Section 11.3.8),
●
As an AHB master, when the DMA performs data transfers.
Acting as AHB master, the UDC-AHB subsystem accesses the application memory for
descriptors and data buffers. When the subsystem is in slave-only mode, the AHB interface
also acts as a slave. In this mode, all the FIFOs are memory-mapped, and the application
writes directly to the FIFOs.
11.3.13
CSRs slave access
The CSRs slave access block is active in DMA mode only (Section 11.4.1: DMA mode) and,
acting as an AHB slave, it responds to any CSRs access from the application (which acts as
an AHB master).
In DMA mode CSR registers are accessible through CSR slave access block as this time
AHB slave only block is de-activated. This AHB slave only block is activated only in slave
mode.
11.4
Operation
The UDC-AHB Subsystem supports two distinct operation modes:
●
DMA mode (detailed in Section 11.4.1), a DMA-based implementation where the UDC-
AHB Subsystem acts as an AHB master for data transfers.
●
Slave-only mode (detailed in Section 11.4.2), where the UDC-AHB Subsystem is
slaved to the application and any application AHB master reads data from, or writes
data to the memory-mapped FIFOs provided by the device.
In both modes, all data transfers are interrupt-driven.
11.4.1
DMA mode
In general, a major advantage of DMA-based implementations is that they spare the main
processor’s computing power from involvement in data transfer tasks. Moreover, use of a
scatter-gather DMA helps applications to make efficient and optimal use of system memory,
which is indeed a major design constraint on portable systems.
Specifically, in DMA mode, the UDC-AHB subsystem implements a true scatter-gather
memory distribution, in which memory structures are scattered over the system memory. As
illustrated in Figure 36, each in/out endpoint memory structure is implemented as a linked-
list, where each element of the list is a data buffer of a predefined size.
In addition to data (both in and out), each buffer also has a status quadlet and a pointer to
the next buffer. The last element of such a linked list can point either to a null pointer or, if
the linked list is implemented as a ring buffer, to the first element of the list. Data buffer
structure for both in and out endpoint is described in RM0321: SPEAr320S address map
and registers reference manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com